Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5455GL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5455GL
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455GL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5455GL Datasheet HTML 1Page - Monolithic Power Systems MP5455GL Datasheet HTML 2Page - Monolithic Power Systems MP5455GL Datasheet HTML 3Page - Monolithic Power Systems MP5455GL Datasheet HTML 4Page - Monolithic Power Systems MP5455GL Datasheet HTML 5Page - Monolithic Power Systems MP5455GL Datasheet HTML 6Page - Monolithic Power Systems MP5455GL Datasheet HTML 7Page - Monolithic Power Systems MP5455GL Datasheet HTML 8Page - Monolithic Power Systems MP5455GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
5
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = 25°C, unless otherwise noted.
 
Quiescent Current Vs. Input Voltage
EN = ENCH = high, VFBB = VFBS = 1V
VB Rising Time vs. DVDT Capacitance
 
VIN to VB Current Limit vs. Limit
Resistor  
VIN to VB Current Limit vs. Temperature
RLIM = 1.4kΩ
 
Reference Voltage vs. Temperature
 
0
0.5
1
1.5
2
234567
INPUT VOLTAGE (V)
0
20
40
60
80
100
120
0
20406080
100
DVDT CAPACITANCE (nF)
0
1
2
3
4
5
6
7
8
0246
8
10
ILIM RESISTOR (kΩ)
1
2
3
4
5
-40 -20
0
20406080 100 120 140
JUNCTION TEMPERATURE (ºC)
0.77
0.78
0.79
0.8
0.81
-40 -20 0
20 40 60 80 100 120 140
JUNCTION TEMPERATURE(ºC)
FBB
FBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com