Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5455GL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5455GL
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455GL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5455GL Datasheet HTML 7Page - Monolithic Power Systems MP5455GL Datasheet HTML 8Page - Monolithic Power Systems MP5455GL Datasheet HTML 9Page - Monolithic Power Systems MP5455GL Datasheet HTML 10Page - Monolithic Power Systems MP5455GL Datasheet HTML 11Page - Monolithic Power Systems MP5455GL Datasheet HTML 12Page - Monolithic Power Systems MP5455GL Datasheet HTML 13Page - Monolithic Power Systems MP5455GL Datasheet HTML 14Page - Monolithic Power Systems MP5455GL Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
11
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
floating ICH, the boost current limit is set to
around 500mA. After reaching the current limit,
the LS-FET turns off for the set minimum off-
time. At the end of this minimum off-time, if the
feedback voltage remains below the 0.79V
internal reference, the LS-FET turns on again.
Otherwise, the MP5455 waits until the voltage
drops below the threshold before turning on the
LS-FET.
Release
The MP5455 monitors the input and bus
voltages continuously. Once the bus voltage
drops below the selected release voltage (such
as when losing input power), the internal boost
converter stops charging and works in buck-
release mode. In buck mode, the MP5455
transfers energy from the high-voltage storage
capacitor to the low-voltage bus capacitor.
Determine the release voltage by selecting
resistor values for the bus resistor divider.
The released buck applies fixed-frequency
constant-on-time (COT) control and enables
fast transition between the charge and release
modes. The buck converter works at 100% duty
cycle until the storage capacitor voltage
approaches the bus voltage. Then the storage
and bus voltages drop until they reach the
DC/DC converter’s UVLO threshold (see Figure
3).
Figure 3: Release Times
Input Current Limit
The input current limiter controls the input
inrush current of the internal hot-swap MOSFET
carefully to prevent an inrush current from the
input to the bus. A capacitor connected to
DVDT sets the soft-start time. Despite the soft-
start process, ILIM can limit the steady-state
current.
Connect a resistor between ILIM and GND to
set the current limit.
Reverse-Current Protection
The hot-swapping circuit uses reverse-current
protection to prevent the storage energy from
transferring back to the input when energy is
released from the storage capacitors to bus.
The hot-swap MOSFET turns on when the input
voltage exceeds the VIN UVLO threshold
during start-up or when input voltage is about
0.2V higher than VB. The hot-swap MOSFET
turns off when input voltage falls below the bus
voltage during release.
Start-Up Sequencing
Connect a capacitor across DVDT to program
the soft-start time. During soft start, the energy
storage capacitors charge. Very short dV/dt
times can trigger the current-limit threshold.
Select the DVDT capacitor based on the
storage capacity.
VB
VSTRG
Release VB Regulation
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com