Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5505
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5505 Datasheet HTML 7Page - Monolithic Power Systems MP5505 Datasheet HTML 8Page - Monolithic Power Systems MP5505 Datasheet HTML 9Page - Monolithic Power Systems MP5505 Datasheet HTML 10Page - Monolithic Power Systems MP5505 Datasheet HTML 11Page - Monolithic Power Systems MP5505 Datasheet HTML 12Page - Monolithic Power Systems MP5505 Datasheet HTML 13Page - Monolithic Power Systems MP5505 Datasheet HTML 14Page - Monolithic Power Systems MP5505 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP5505 – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505 Rev. 1.01
www.MonolithicPower.com
12
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Consider of the power loss during releasing
where the Buck converter can run up to 90%
efficiency in most application, select storage
capacitance to 1.1xCs to ensure enough
releasing time. If IRELEASE=1A, τDASP=20ms,
VSTORAGE=12V, VRELEASE=4.2V, then the required
storage capacitance is 1500μF.
For typical applications using a 5V input supply,
set the storage voltage above 10V to fully utilize
the high-voltage energy and minimize the storage
capacitance requirements. Generally, use the
16V POS capacitor or 25V electrolytic capacitors.
Selecting the External Diode
The external diode is strongly recommended for
normal operation of charge mode where the
boost converter works. The voltage rating should
be higher than the storage voltage and the
current rating should be high than the current
programmed by ICH pin.
Setting the Input Hot-Swap Current Limit
Connect a resistor from ILIM to GND to set the
current limit value. For example, a 1.2kΩ resistor
sets the current limit to about 4.1A. Table 3 lists
the recommended resistors for different current
limit values.
Table 3: ILIM vs. RLIM
ILIM(A)
RLIM (kΩ)
4.6
1.07
4.1
1.2
3.7
1.4
1.6
3.2
Selecting Inductor
The inductor is necessary to supply constant
current to the load. Since the Boost mode and
Buck mode are sharing the same inductor, and
generally the Buck mode current is higher, the
inductor supporting at least the Buck mode
releasing current is recommended.
Selecting the inductor based on Buck releasing
mode. If the storage voltage is VS, the release
voltage is VR, and Buck running at fixed 500kHz
frequency. The inductance
value
can
be
calculated by:
RR
LSW
S
VV
L(1
)
IF
V
=× −
Δ×
Where ΔIL is the peak to peak inductor ripple
current which can be set in the range of 30% to
40% of full releasing current.
The inductor should not saturate under the
maximum inductor peak current.
Setting the Power-On Reset Delay Time
Connect a capacitor to the TPOR pin to set the
power on reset delay time. Leave it floating for
the default delay time of around 0.4ms. Table 4
lists the recommended capacitors for different
delay times. In order to eliminate the power on
reset delay, connect the TPOR pin directly to VIN.
Table 4: Reset Delay vs. Capacitor Value
τD (mS)
CTPOR (nF)
100
100
500
500
Setting the Bus Voltage Rise Time
Connect a capacitor to the DVDT to set the bus
voltage start-up slew rate and soft-start time.
Leave it floating for the default soft start time of
around 0.9ms from 0V to 5V. Table 5 lists the
recommended capacitors for different soft-start
times.
Table 5: Soft-Start vs. Capacitor Value
τR (mS)
Cdv/dt (nF)
10
10
100
100
Layout Recommendation
1) The high current paths (VIN, VB, VBO,
SW, STRG, GND) should use short, wide
and direct traces.
2) Put the decoupling capacitor across VB
and GND as close as possible.
3) Put the decoupling capacitor across
STRG and GND as close as possible.
4) Keep the switching node SW short and
away from the feedback network.
5) The external feedback resistors should be
placed next to FB pins.
6) Keep the BST voltage path (BST, C6, R5
and SW) as short as possible.
7) Four-layout is recommended to achieve
better thermal performance and easily
layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com