Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5505
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5505 Datasheet HTML 7Page - Monolithic Power Systems MP5505 Datasheet HTML 8Page - Monolithic Power Systems MP5505 Datasheet HTML 9Page - Monolithic Power Systems MP5505 Datasheet HTML 10Page - Monolithic Power Systems MP5505 Datasheet HTML 11Page - Monolithic Power Systems MP5505 Datasheet HTML 12Page - Monolithic Power Systems MP5505 Datasheet HTML 13Page - Monolithic Power Systems MP5505 Datasheet HTML 14Page - Monolithic Power Systems MP5505 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP5505 – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505 Rev. 1.01
www.MonolithicPower.com
13
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
MP5505
FBS
STRG
FBB
VBO
PGIN
VIN
VIN
SW
L1
4.7uH
BST
PG
S
ICH
C4
DVDT
C3
CST
ILIM
TPOR
R7
22uF
PGND
VB
EN
ENCH
AGND
VB
R8
R9
D1
C7
C9
C10
R3
R4
C6
R5
C5
R1
R2
R6
C2
C8
C1
22uF
0.1uF
VS
VB
Schematic for Layout
Please take following figures as sampled layout (with four layers).
Top Layer:
1
2
3
4
5
6
7
89 10
17
16
15
14
13
12
11
20 19 18
C4
C3
R7
R8
R9
VB
EN
ENCH
VB
GND
GND
C1
GND
SW
L1
D1
C7
C9
STRG
VBO
C6
R5
C5
R2
R1
R3
R4
R6
C2
C8
C10
VIN
VBO
GND
STRG
VB
STRG
Inner Layer 1:
Inner Layer 2:
Bottom Layer:
Figure 7: Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com