Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8759 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8759
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8759 Datasheet HTML 8Page - Monolithic Power Systems MP8759 Datasheet HTML 9Page - Monolithic Power Systems MP8759 Datasheet HTML 10Page - Monolithic Power Systems MP8759 Datasheet HTML 11Page - Monolithic Power Systems MP8759 Datasheet HTML 12Page - Monolithic Power Systems MP8759 Datasheet HTML 13Page - Monolithic Power Systems MP8759 Datasheet HTML 14Page - Monolithic Power Systems MP8759 Datasheet HTML 15Page - Monolithic Power Systems MP8759 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
12
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8759 is a fully integrated, synchronous,
rectified, step-down, switch-mode converter.
Constant-on-time (COT) control is employed to
provide a fast transient response and ease loop
stabilization. At the beginning of each cycle, the
high-side MOSFET (HS-FET) is turned on when
the feedback voltage (VFB) falls below the
reference voltage (VREF), which indicates an
insufficient output voltage. The on period is
determined by the output voltage and input
voltage to make the switching frequency fairly
constant over the input voltage range.
After the on period elapses, the HS-FET is turned
off or enters an off state. It is turned on again
when VFB drops below VREF. By repeating this
operation, the converter regulates the output
voltage. The integrated low-side MOSFET (LS-
FET) is turned on when the HS-FET is in its off
state to minimize conduction loss. There is a
dead short between the input and GND if both
the HS-FET and LS-FET are turned on at the
same time. This is called a shoot-through. To
avoid a shoot-through, a dead time (DT) is
generated internally between HS-FET off and LS-
FET on, or LS-FET off and HS-FET on.
Internal compensation is applied for COT control
to provide a more stable operation, even when
ceramic capacitors are used as output capacitors.
This internal compensation improves the jitter
performance without affecting line or load
regulation.
Heavy-Load Operation
Continuous conduction mode (CCM) occurs
when the output current is high and the inductor
current is always above zero amps (see Figure 2).
When VFB is below VREF, the HS-FET is turned on
for a fixed interval. When the HS-FET is turned
off, the LS-FET is turned on until the next period.
Figure 2: Heavy-Load Operation
In CCM operation, the switching frequency is in
pulse-width modulation (PWM) mode and is fairly
constant.
Light-Load Power Save Mode
The inductor current decreases as the load
decreases. If MODE is floating or pulled to
ground, once the inductor current reaches zero,
the
operation
switches
from
continuous
conduction
mode
(CCM)
to
discontinuous
conduction mode (DCM).
The power save mode operation is shown in
Figure 3. When VFB is below VREF, the HS-FET is
turned on for a fixed interval, which is determined
by a one-shot on-timer, as shown in Equation 1.
When the HS-FET is turned off, the LS-FET is
turned on until the inductor current reaches zero.
In DCM operation, VFB does not reach VREF while
the inductor current is approaching zero. The LS-
FET driver switches to tri-state (high-Z) whenever
the inductor current reaches zero. As a result, the
efficiency at light load is greatly improved. In
light-load condition, the HS-FET is not turned on
as frequently as in heavy-load condition. This is
called skip mode.
At light-load or no-load condition, the output
drops very slowly, and the MP8759 reduces the
switching frequency to achieve high efficiency.
Figure 3: Light-Load Operation
As the output current increases from light-load
condition, the current modulator regulation time
period becomes shorter. The HS-FET is turned
on more frequently, so the switching frequency
increases correspondingly. The output current
reaches the critical level when the current
modulator time is zero. The critical level of the
output current is determined with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V

(1)
The device enters PWM mode once the output
current exceeds critical levels. Afterward, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com