Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8759 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8759
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8759 Datasheet HTML 9Page - Monolithic Power Systems MP8759 Datasheet HTML 10Page - Monolithic Power Systems MP8759 Datasheet HTML 11Page - Monolithic Power Systems MP8759 Datasheet HTML 12Page - Monolithic Power Systems MP8759 Datasheet HTML 13Page - Monolithic Power Systems MP8759 Datasheet HTML 14Page - Monolithic Power Systems MP8759 Datasheet HTML 15Page - Monolithic Power Systems MP8759 Datasheet HTML 16Page - Monolithic Power Systems MP8759 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
13
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
switching frequency stays fairly constant over the
output current range.
DC Auto-Tune Loop
The MP8759 applies DC auto-tune loop to
balance the DC error between VFB and VREF by
adjusting the comparator input REF to make VFB
follow VREF. This is a slow loop, so the load and
line regulation improve without affecting the
transient performance. The relationship between
VFB, VREF, and REF is shown in Figure 4.
Figure 4: DC Auto-Tune Loop Operation
External Ramp for Low Output Voltage
The
MP8759
uses
an
internal
ramp
compensation control scheme to improve stability
with a pure ceramic output capacitor. In some
operating cases, the internal ramp amplitude is
not sufficient to make the loop stable with
ceramic capacitors. Therefore, an extra external
ramp
around
20mV
is
needed
for
loop
stabilization. Please refer to the Component
Selection section in page 15 for details.
Large Duty Operation
The MP8759 can support larger duty operations
with its internal TON extension function. When the
part detects that FB is lower than VREF, and VIN -
VOUT < 2V, TON and the duty cycle can be
extended. TON stops extending if FB is greater
than REF or if TON meets its limitation.
Light-Load Ultrasonic Mode (USM)
Ultrasonic mode (USM) is used to keep the
switching frequency above audible frequency
areas during light-load or no-load conditions.
Once the part detects that both the HS-FET and
LS-FET are off for about 30µs, TON shrinks to
keep VOUT under regulation with optimal
efficiency. If the load continues reducing, then
the part discharges VOUT to ensure that FB is
smaller than 102% of the internal reference. The
HS-FET turns on again once the internal FB
reaches VREF and then stops switching.
USM is selected by the MODE setting. Float
MODE to operate the MP8759 in PFM mode with
USM in light-load condition.
Configuring the EN Control
EN is a digital control pin that turns the regulator
on and off. Drive EN high to turn on the regulator.
Drive EN low to turn off the regulator.
To start up the MP8759 automatically, pull EN up
to the input voltage through a resistive voltage
divider. Please refer to the UVLO Protection
Section on page 14 for details.
MODE Selection
MODE is used to select the MP8759’s working
mode. Pull MODE higher than 2.6V to operate
the MP8759 in forced PWM mode. Float MODE
to operate the MP8759 in PFM mode with USM
at light load. Connect MODE to ground to
operate the MP8759 in PFM mode without USM.
Soft Start (SS)
The
MP8759
employs
a
soft-start
(SS)
mechanism to ensure a smooth output during
power-up. When EN rises high, the internal
reference voltage and the output voltage ramp up
gradually. Once the reference voltage reaches its
target value, the soft start finishes and the circuit
enters steady-state operation.
If the output is pre-biased to a certain voltage
during start-up, the IC disables the switching of
both the high-side and low-side switches until the
voltage on the internal reference exceeds the
sensed output voltage at the internal FB node.
Power Good (PG)
The MP8759 uses a power good (PG) output to
indicate whether the output voltage of the buck
regulator is ready or not. PG is the open drain of
the MOSFET and should be connected to VCC
or another voltage source through a resistor (e.g.:
100k). After the input voltage is applied, the
MOSFET is turned on and PG is pulled to GND
before SS is ready. Once the FB voltage reaches
95% of VREF, PG is pulled high after a 500µs
delay. When the FB voltage drops to 85% of VREF,
PG is pulled low. When the output voltage is
higher than 115% of the internal reference, PG is
pulled low. PG rises high again after the output
voltage drops below 105% of the internal
reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com