Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8763
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8763 Datasheet HTML 1Page - Monolithic Power Systems MP8763 Datasheet HTML 2Page - Monolithic Power Systems MP8763 Datasheet HTML 3Page - Monolithic Power Systems MP8763 Datasheet HTML 4Page - Monolithic Power Systems MP8763 Datasheet HTML 5Page - Monolithic Power Systems MP8763 Datasheet HTML 6Page - Monolithic Power Systems MP8763 Datasheet HTML 7Page - Monolithic Power Systems MP8763 Datasheet HTML 8Page - Monolithic Power Systems MP8763 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MP8763 — 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763 Rev. 1.3
www.MonolithicPower.com
2
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP8763GL*
QFN-13(3mm×4mm)
MP8763
MP8763GLE**
QFN-16(3mm×4mm)
MP8763E
* For Tape & Reel, add suffix –Z (e.g. MP8763GL–Z)
** For Tape & Reel, add suffix –Z (e.g. MP8763GLE–Z)
Note: The 16-pin QFN package is preferred and recommended for new designs
PACKAGE REFERENCE
TOP VIEW
PGND
4
IN
2
BST
11
12
13
9
10
8
7
6
VCC
PG
AGND
SS
FB
FREQ
EN
PGND
SW
3
1
SW
5
TOP VIEW
13-Pin QFN (3x4mm)
Not recommended for new design
16-Pin QFN (3x4mm)
Recommended for new design
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VIN .......................................21V
VSW ......................................−0.3V to VIN + 0.3V
VSW (30ns) .................................−3V to VIN + 3V
VBST .....................................................VSW + 6V
Enable Current IEN
(2 ...................................................... 2.5mA
All Other Pins................................ –0.3V to +6V
Continuous Power Dissipation (TA=+25°)
(3)
QFN3×4.....................................................2.7W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature.............. −65°C to +150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN .......................... 4.5V to 18V
Output Voltage VOUT.................... 0.611V to 13V
IEN ................................................ 0mA to 1mA
Operating Junction Temp. (TJ).−40°C to +125°C
Follow
Layout
Recommendation
for
Best
Performance
Thermal Resistance
(5)
θJA
θJC
QFN (3mm×4mm) .................. 46 ....... 9.... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Refer to the section “Configuring the EN Control”.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com