Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8763
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8763 Datasheet HTML 8Page - Monolithic Power Systems MP8763 Datasheet HTML 9Page - Monolithic Power Systems MP8763 Datasheet HTML 10Page - Monolithic Power Systems MP8763 Datasheet HTML 11Page - Monolithic Power Systems MP8763 Datasheet HTML 12Page - Monolithic Power Systems MP8763 Datasheet HTML 13Page - Monolithic Power Systems MP8763 Datasheet HTML 14Page - Monolithic Power Systems MP8763 Datasheet HTML 15Page - Monolithic Power Systems MP8763 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MP8763 — 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763 Rev. 1.3
www.MonolithicPower.com
12
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8763 is a fully-integrated, synchronous,
rectified, step-down, switch-mode converter. It
uses constant-on-time (COT) control to provide a
fast
transient
response
and
ease
loop
stabilization.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns ON when the feedback
voltage (VFB) drops below the reference voltage
(VREF), which indicates an insufficient output
voltage. The input voltage and the frequency-set
resistor determine the ON period as follows:
4
.
0
)
(
)
(
1
.
6
)
(
−
Ω
×
=
τ
V
V
k
R
ns
IN
FREQ
ON
(1)
After the ON period elapses, the HS-FET turns
off. It turns ON again when VFB drops below VREF.
By
repeating
this
operation,
the
converter
regulates the output voltage. The integrated low-
side MOSFET (LS-FET) turns ON when the HS-
FET is OFF to minimize conduction loss and
avoid a dead short (or shoot-through) between
input and GND if both HS-FET and LS-FET turn
on at the same time. An internally-generated
dead-time (DT) between HS-FET OFF and LS-
FET ON or LS-FET OFF and HS-FET ON avoids
shoot-through.
Heavy-Load Operation
Figure 2: Heavy-Load Operation
When the output current is high and the inductor
current is always above zero amps, it is called
continuous-conduction-mode (CCM). Figure 2
shows the CCM operation. When VFB<VREF, HS-
FET turns ON for a fixed interval determined by
the one-shot ON-timer as per equation 1. When
the HS-FET turns OFF, the LS-FET turns ON
until the next period.
In CCM, the switching frequency is fairly constant
and it is also called PWM mode.
Light-Load Operation
As the load decreases, the inductor current
decreases. The operation transitions from CCM
to discontinuous-conduction-mode (DCM) when
the inductor current reaches 0A.
Figure 3 shows light-load operation. When VFB
drops below VREF, HS-FET turns ON for a fixed
interval determined by the one- shot ON-timer as
per equation 1. When the HS-FET turns OFF, the
LS-FET turns ON until the inductor current
reaches zero. In DCM, the VFB does not reach
VREF when the inductor current reaches zero:
Instead, the LS-FET driver enters tri-state (high
Z). A current modulator then controls the LS-FET
and limits the inductor current to less than −1mA.
Hence, the output capacitors discharge slowly to
GND through LS-FET, and the HS-FET doesn’t
turn ON as frequently as under heavy-load
conditions, thus greatly improving light-load and
no-load efficiency. This is called skip mode.
Figure 3: Light-Load Operation
As the output current increases from the light-
load,
the
current
modulator
shortens
the
operating period to turn the HS-FET ON more
frequently.
Hence,
the
switching
frequency
increases. The output current reaches its critical
threshold when the current modulator time
decreases to zero. Determine the critical output
current level as follows:
IN
SW
OUT
OUT
IN
OUT
V
f
L
V
)
V
V
(
I
×
×
×
×
−
=
2
(2)
Where fSW is the switching frequency.
The IC enters PWM mode once the output
current exceeds its critical level. Then the
switching frequency stays fairly constant over the
output current range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com