Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763D Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8763D
Description  High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763D Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8763D Datasheet HTML 12Page - Monolithic Power Systems MP8763D Datasheet HTML 13Page - Monolithic Power Systems MP8763D Datasheet HTML 14Page - Monolithic Power Systems MP8763D Datasheet HTML 15Page - Monolithic Power Systems MP8763D Datasheet HTML 16Page - Monolithic Power Systems MP8763D Datasheet HTML 17Page - Monolithic Power Systems MP8763D Datasheet HTML 18Page - Monolithic Power Systems MP8763D Datasheet HTML 19Page - Monolithic Power Systems MP8763D Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MP8763D ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763D Rev. 1.1
www.MonolithicPower.com
16
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
reasonable that the jitter in skip mode is larger
To achieve less jitter during ultra light load
condition, reduce R1 and R2, but that will
decrease the light load efficiency.
Configuring the EN Control
The regulator turns on when En goes high;
conversely it turns off when EN goes low. Do not
float the pin.
For automatic start-up, pull the EN pin up to input
voltage through a resistive voltage divider.
Choose the values of the pull-up resistor (RUP
from the IN pin to the EN pin) and the pull-down
resistor (RDOWN from the EN pin to GND) to
determine the automatic start-up voltage:
UP
DOWN
IN START
DOWN
(R
R
)
V1.5
(V)
R
−
+
=×
(11)
For example, for RUP=100kΩ and RDOWN=20kΩ,
the VIN-START is set at 9V.
To reduce noise, add a 10nF ceramic capacitor
from EN to GND.
An internal zener diode on the EN pin clamps the
EN pin voltage to prevent run away. The
maximum pull up current assuming the worst
case 6V for the internal zener clamp should be
less than 1mA.
Therefore, when driving EN with an external logic
signal, use an EN voltage less than 6V. When
connecting EN to IN through a pull-up resistor or
a resistive voltage divider, select a resistance
that ensures a maximum pull-up current less than
1mA.
If using a resistive voltage divider and VIN
exceeds 6V, then the minimum resistance for the
pull-up resistor RUP should meet:
IN
UP
DOWN
V6V
6V
1mA
RR
−
−≤
(12)
With only RUP (the pull-down resistor, RDOWN, is
not connected), then the VCC UVLO threshold
determines VIN-START, so the minimum resistor
value is:
IN
UP
V6V
R( )
1mA
−
≥Ω
(13)
A typical pull-up resistor is 100kΩ.
External VCC bias
An external 5V VCC bias can disable the internal
LDO, in this case, Vin can be as low as 2.5V.
Soft Start/Stop
The MP8763D employs a soft start/stop (SS)
mechanism to ensure a smooth output during
power-up and power shutdown. When the EN pin
goes high, an internal current source (20μA)
charges the SS capacitor. The SS capacitor
voltage takes over the REF voltage to the PWM
comparator. The output voltage smoothly ramps
up with the SS voltage. Once the SS voltage
reaches the REF voltage, it continues ramping up
while VREF takes over the control of the PWM
comparator. At this point, soft start finishes and
the device enters steady state operation.
When the EN pin becomes low, the SS capacitor
voltage is discharged through a 10uA internal
current source. Once the SS voltage reaches
REF voltage, it takes over the control of the PWM
comparator. The output voltage will decrease
smoothly with SS voltage until zero level.
Determine the SS capacitor value as follows:
()
( )
( )
()
×μ
= SS
SS
SS
REF
Tms
I
A
CnF
VV
(14)
If the output capacitors are large, then avoid
setting a short SS time otherwise it would risk
hitting the current limit during SS.
Pre-Bias Startup
The MP8763D has been designed for monotonic
startup into pre-biased loads. If the output is pre-
biased to a certain voltage during startup, the IC
will disable switching for both high-side and low-
side switches until the voltage on the soft-start
capacitor exceeds the sensed output voltage at
the FB pin.
Power Good (PG)
The MP8763D has a power-good (PG) output.
The PG pin is the open drain of a MOSFET.
Connect
it
to
VCC
or
some
other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com