Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763D Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8763D
Description  High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763D Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8763D Datasheet HTML 10Page - Monolithic Power Systems MP8763D Datasheet HTML 11Page - Monolithic Power Systems MP8763D Datasheet HTML 12Page - Monolithic Power Systems MP8763D Datasheet HTML 13Page - Monolithic Power Systems MP8763D Datasheet HTML 14Page - Monolithic Power Systems MP8763D Datasheet HTML 15Page - Monolithic Power Systems MP8763D Datasheet HTML 16Page - Monolithic Power Systems MP8763D Datasheet HTML 17Page - Monolithic Power Systems MP8763D Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP8763D ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763D Rev. 1.1
www.MonolithicPower.com
14
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
As the output current increases from the light
load condition, the current modulator regulates
the operating period that becomes shorter. The
HS-FET turns ON more frequently. Hence, the
switching frequency increases correspondingly.
The output current reaches the critical level when
the current modulator time decreases to zero.
Determine the critical output current level as
follows:
IN
SW
OUT
OUT
IN
OUT
V
F
L
2
V
)
V
V
(
I
×
×
×
×
−
=
(2)
Where FSW is the switching frequency.
The IC turns into PWM mode once the output
current exceeds the critical level. After that, the
switching frequency stays fairly constant over the
output current range.
Switching Frequency
Selecting the switching frequency requires
trading off between efficiency and component
size.
Low
frequency
operation
increases
efficiency by reducing MOSFET switching losses,
but requires larger inductor and capacitor values
to minimize the output voltage ripple.
For MP8763D,set the on time using the FREQ
pin to set the frequency for steady state
operation at CCM.
The MP8763D uses adaptive constant-on-time
(COT) control, though the IC lacks a dedicated
oscillator. Connect the FREQ pin to the IN pin
through the resistor (RFREQ) so that the input
voltage is feed-forwarded to the one-shot on-time
timer. When operating in steady state at CCM,
the duty ratio stays at VOUT/VIN, so the switching
frequency is fairly constant over the input voltage
range. Set the switching frequency as follows:
6
SW
FREQ
IN
DELAY
IN
OUT
10
F(kHz)
6.1 R
(k )
V(V)
T(ns)
V(V) 0.4
V
(V)
=
×Ω
×+
−
(3)
Where TDELAY is the comparator delay of about
5ns. After adding load, the frequency may be
affected a little because power MOSFET voltage
drop will affect the duty cycle.
Typically, the MP8763D is set to 200kHz to
1MHz applications. It is optimized to operate at
high switching frequencies at high efficiency:
high switching frequencies allow for physically
smaller LC filter components to reduce the PCB
footprint.
Jitter and FB Ramp Slope
Figure 4 and Figure 5 show jitter occurring in
both PWM mode and skip mode. When there is
noise on the VFB descending slope, the HS-FET
ON time deviates from its intended point and
produces jitter and influences system stability.
The VFB ripple’s slope steepness dominates the
noise immunity though its magnitude has no
direct effect.
Figure 4—Jitter in PWM Mode
Figure 5—Jitter in Skip Mode
Ramp with a Large ESR Capacitor
Using POSCAPs or other large-ESR capacitors
as the output capacitor results in the ESR ripple
dominating the output ripple. The ESR also
significantly influences the VFB slope. Figure 6
shows the simplified equivalent circuit in PWM
mode with the HS-FET off and without an
external ramp circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com