Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763GL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8763GL
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763GL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8763GL Datasheet HTML 3Page - Monolithic Power Systems MP8763GL Datasheet HTML 4Page - Monolithic Power Systems MP8763GL Datasheet HTML 5Page - Monolithic Power Systems MP8763GL Datasheet HTML 6Page - Monolithic Power Systems MP8763GL Datasheet HTML 7Page - Monolithic Power Systems MP8763GL Datasheet HTML 8Page - Monolithic Power Systems MP8763GL Datasheet HTML 9Page - Monolithic Power Systems MP8763GL Datasheet HTML 10Page - Monolithic Power Systems MP8763GL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MP8763 — 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763 Rev. 1.3
www.MonolithicPower.com
7
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1V, L = 1µH, TA = 25°C, unless otherwise noted.
4
4.2
4.4
4.6
4.8
5
-50
0
50
100
150
200
300
400
500
600
700
-50
0
50
100
150
100
300
500
700
900
1100
100
300
500
700
900
0
100
200
300
400
500
600
0 1 2 3 4 5 6 7 8 9 10 11 12
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
600
605
610
615
620
-50
0
50
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com