Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763GL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8763GL
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763GL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8763GL Datasheet HTML 6Page - Monolithic Power Systems MP8763GL Datasheet HTML 7Page - Monolithic Power Systems MP8763GL Datasheet HTML 8Page - Monolithic Power Systems MP8763GL Datasheet HTML 9Page - Monolithic Power Systems MP8763GL Datasheet HTML 10Page - Monolithic Power Systems MP8763GL Datasheet HTML 11Page - Monolithic Power Systems MP8763GL Datasheet HTML 12Page - Monolithic Power Systems MP8763GL Datasheet HTML 13Page - Monolithic Power Systems MP8763GL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MP8763 — 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763 Rev. 1.3
www.MonolithicPower.com
10
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=12V, VOUT =1V, L=1µH, TA=+25°C, unless otherwise noted.
VOUT
500mV/di
v.
IL
2A/di
v.
SW
10V/di
v.
Thermal Recovery
IOU T = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com