Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763DGL Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP8763DGL
Description  High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763DGL Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP8763DGL Datasheet HTML 11Page - Monolithic Power Systems MP8763DGL Datasheet HTML 12Page - Monolithic Power Systems MP8763DGL Datasheet HTML 13Page - Monolithic Power Systems MP8763DGL Datasheet HTML 14Page - Monolithic Power Systems MP8763DGL Datasheet HTML 15Page - Monolithic Power Systems MP8763DGL Datasheet HTML 16Page - Monolithic Power Systems MP8763DGL Datasheet HTML 17Page - Monolithic Power Systems MP8763DGL Datasheet HTML 18Page - Monolithic Power Systems MP8763DGL Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
MP8763D ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763D Rev. 1.1
www.MonolithicPower.com
15
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
R1
R2
ESR
POSCAP
SW
VOUT
L
FB
Figure 6—Simplified Circuit in PWM Mode
without External Ramp Compensation
To realize the stability without an external ramp,
usually select the ESR value as follows:
OUT
ON
SW
ESR
C
2
T
7
.
0
T
R
+
π
×
≥
(4)
Where TSW is the switching period.
Ramp with a Small ESR Capacitor
Use an external ramp when using ceramic output
capacitors, because the ESR ripple is not high
enough to stabilize the system.
R1
R2
Ceramic
SW
FB
VOUT
L
R4
C4
IR4
IC4
IFB
R9
Figure 7—Simplified Circuit in PWM Mode
with External Ramp Compensation
Figure 7 shows the simplified circuit in PWM
mode with the HS-FET OFF and an external
ramp compensation circuit (R4, C4). Design the
external ramp based on the inductor ripple
current. Select C4, R9, R1 and R2 to meet the
following condition:
⎟
⎠
⎞
⎜
⎝
⎛
+
+
×
×
<
×
×
π
9
R
2
R
1
R
2
R
1
R
5
1
4
C
F
2
1
SW
(5)
Where:
4
C
FB
4
C
4
R
I
I
I
I
≈
+
=
(6)
Then estimate the ramp on VFB as:
⎟
⎠
⎞
⎜
⎝
⎛
+
×
×
×
−
=
9
R
2
R
//
1
R
2
R
//
1
R
T
4
C
4
R
V
V
V
ON
OUT
IN
RAMP
(7)
The VFB ripple’s descending slope then follows:
4
C
4
R
V
T
V
V
OUT
OFF
RAMP
1
SLOPE
×
−
=
=
(8)
Equation 8 shows that if there is instability in
PWM mode, reduce either R4 or C4. If C4 is
irreducible due to equation 5 limitations, then
reduce R4. For a stable PWM operation, design
Vslope1 based on equation 9.
SW
ON
3
ESR
OUT
OUT
SLOPE1
OUT
OUT
SW
ON
TT
RC
I10
0.7
2
VV
2L C
T
T
−
+−
×
×
×π
−≥
×
+
××
−
(9)
Where IOUT is the load current.
In skip mode, The VFB ripple’s descending slope
is almost same whether the external ramp is
used or not. Figure 8 shows the simplified circuit
in skip mode when both the HS-FET and LS-FET
are off.
R1
R2
COUT
FB
VOUT
ROUT
Figure 8—Simplified Circuit in skip Mode
Determine the VFB ripple’s descending slope in
skip mode as follows:
OUT
OUT
REF
2
SLOPE
C
]
R
//
)
2
R
1
R
[(
V
V
×
+
−
=
(10)
Where ROUT is the equivalent load resistor.
Figure 5 shows that VSLOPE2 in skip mode is lower
than
that
is
in
PWM
mode,
so
it
is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com