Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763DGL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8763DGL
Description  High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763DGL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8763DGL Datasheet HTML 16Page - Monolithic Power Systems MP8763DGL Datasheet HTML 17Page - Monolithic Power Systems MP8763DGL Datasheet HTML 18Page - Monolithic Power Systems MP8763DGL Datasheet HTML 19Page - Monolithic Power Systems MP8763DGL Datasheet HTML 20Page - Monolithic Power Systems MP8763DGL Datasheet HTML 21Page - Monolithic Power Systems MP8763DGL Datasheet HTML 22Page - Monolithic Power Systems MP8763DGL Datasheet HTML 23Page - Monolithic Power Systems MP8763DGL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MP8763D ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763D Rev. 1.1
www.MonolithicPower.com
20
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
2
R
V
2
1
V
V
2
1
V
V
1
R
RAMP
REF
RAMP
REF
OUT
×
×
+
×
=
(19)
For best results, select a CDC Value at least 10×
C4 for better DC blocking performance, but
smaller
than
0.47µF
account for
start-up
performance. To use a larger CDC for better FB
noise immunity, reduce R1 and R2 to limit effects
on system start-up. Note that even with Cdc, the
load and line regulation are still related to VRAMP.
R1
R2
Ceramic
SW
FB
VOUT
L
CDC
R4
C4
Figure12—Simplified Ceramic Capacitor
Circuit with DC Blocking Capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore,
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC input
voltage. Use ceramic capacitors for best
performance. During layout, Place the input
capacitors as close to the IN pin as possible.
The capacitance can vary significantly with
temperature. Use capacitors with X5R and X7R
ceramic dielectrics because they are fairly stable
over a wide temperature range.
The capacitors must also have a ripple current
rating that exceeds the converter’s maximum
input ripple current. Estimate the input ripple
current as follows:
)
V
V
1
(
V
V
I
I
IN
OUT
IN
OUT
OUT
CIN
×
×
=
(20)
The worst-case condition occurs at VIN = 2VOUT,
where:
2
I
I
OUT
CIN =
(21)
For simplification, choose an input capacitor with
an RMS current rating that exceeds half the
maximum load current.
The input capacitance value determines the
converter input voltage ripple. Select a capacitor
value that meets any input voltage ripple
requirements.
Estimate the input voltage ripple as follows:
)
V
V
1
(
V
V
C
F
I
V
IN
OUT
IN
OUT
IN
SW
OUT
IN
×
×
×
=
Δ
(22)
The worst-case condition occurs at VIN = 2VOUT,
where:
IN
SW
OUT
IN
C
F
I
4
1
V
×
×
=
Δ
(23)
Output Capacitor
The output capacitor maintains the DC output
voltage. Use ceramic capacitors or POSCAPs.
Estimate the output voltage ripple as:
)
C
F
8
1
R
(
)
V
V
1
(
L
F
V
V
OUT
SW
ESR
IN
OUT
SW
OUT
OUT
×
×
+
×
×
×
=
Δ
(24)
When using ceramic capacitors, the capacitance
dominates the impedance at the switching
frequency. The capacitance also dominates the
output voltage ripple. For simplification, estimate
the output voltage ripple as:
)
V
V
1
(
C
L
F
8
V
V
IN
OUT
OUT
2
SW
OUT
OUT
×
×
×
×
=
Δ
(25)
The ESR only contributes minimally to the output
voltage ripple, thus requiring an external ramp to
stabilize the system. Design the external ramp
with R4 and C4 as per equation 5, 8 and 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com