Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8764GLE Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8764GLE
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764GLE Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8764GLE Datasheet HTML 8Page - Monolithic Power Systems MP8764GLE Datasheet HTML 9Page - Monolithic Power Systems MP8764GLE Datasheet HTML 10Page - Monolithic Power Systems MP8764GLE Datasheet HTML 11Page - Monolithic Power Systems MP8764GLE Datasheet HTML 12Page - Monolithic Power Systems MP8764GLE Datasheet HTML 13Page - Monolithic Power Systems MP8764GLE Datasheet HTML 14Page - Monolithic Power Systems MP8764GLE Datasheet HTML 15Page - Monolithic Power Systems MP8764GLE Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
12
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8764 is fully integrated synchronous
rectified
step-down
switch
mode
converter.
Constant-on-time (COT) control is employed to
provide fast transient response and easy loop
stabilization. At the beginning of each cycle, the
high-side MOSFET (HS-FET) is turned ON when
the feedback voltage (VFB) is below the reference
voltage (VREF), which indicates insufficient output
voltage. The ON period is determined by the
input voltage and the frequency-set resistor as
follows:
4
.
0
)
(
)
(
1
.
6
)
(
−
Ω
×
=
V
V
k
R
ns
T
IN
FREQ
ON
(1)
After the ON period elapses, the HS-FET is
turned off, or becomes OFF state. It is turned ON
again when VFB drops below VREF. By repeating
operation this way, the converter regulates the
output voltage. The integrated low-side MOSFET
(LS-FET) is turned on when the HS-FET is in its
OFF state to minimize the conduction loss. There
will be a dead short between input and GND if
both HS-FET and LS-FET are turned on at the
same time. It’s called shoot-through. In order to
avoid
shoot-through,
a
dead-time
(DT)
is
internally generated between HS-FET off and LS-
FET on, or LS-FET off and HS-FET on.
Heavy-Load Operation
Figure 2—Heavy Load Operation
When the output current is high and the inductor
current is always above zero amps, it is called
continuous-conduction-mode (CCM). The CCM
mode operation is shown in Figure 2. When VFB
is below VREF, HS-FET is turned on for a fixed
interval which is determined by one-shot on-timer
as equation 1 shown. When the HS-FET is
turned off, the LS-FET is turned on until next
period.
In CCM mode operation, the switching frequency
is fairly constant and it is called PWM mode.
Light-Load Operation
As the load decreases, the inductor current
decreases
too.
When
the
inductor
current
touches zero, the operation is transited from
continuous-conduction-mode
(CCM)
to
discontinuous-conduction-mode (DCM).
The light load operation is shown in Figure 3.
When VFB is below VREF, HS-FET is turned on for
a fixed interval which is determined by one- shot
on-timer as equation 1 shown. When the HS-FET
is turned off, the LS-FET is turned on until the
inductor current reaches zero. In DCM operation,
the VFB does not reach VREF when the inductor
current is approaching zero. The LS-FET driver
turns into tri-state (high Z) whenever the inductor
current reaches zero. A current modulator takes
over the control of LS-FET and limits the inductor
current to less than -1mA. Hence, the output
capacitors discharge slowly to GND through LS-
FET. As a result, the efficiency at light load
condition is greatly improved. At light load
condition, the HS-FET is not turned ON as
frequently as at heavy load condition. This is
called skip mode.
At light load or no load condition, the output
drops very slowly and the MP8764 reduces the
switching frequency naturally and then high
efficiency is achieved at light load.
Figure 3—Light Load Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com