Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8764GLE Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8764GLE
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764GLE Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8764GLE Datasheet HTML 1Page - Monolithic Power Systems MP8764GLE Datasheet HTML 2Page - Monolithic Power Systems MP8764GLE Datasheet HTML 3Page - Monolithic Power Systems MP8764GLE Datasheet HTML 4Page - Monolithic Power Systems MP8764GLE Datasheet HTML 5Page - Monolithic Power Systems MP8764GLE Datasheet HTML 6Page - Monolithic Power Systems MP8764GLE Datasheet HTML 7Page - Monolithic Power Systems MP8764GLE Datasheet HTML 8Page - Monolithic Power Systems MP8764GLE Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP8764
High Efficiency, 12A, 18V
Synchronous Step-Down Converter
with Latch-off OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
1
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The MP8764 is a fully integrated high frequency
synchronous rectified step-down switch mode
converter. It offers a very compact solution to
achieve 12A output current over a wide input
supply range with excellent load and line
regulation. The MP8764 operates at high
efficiency over a wide output current load range.
The MP8764 adopts Constant-On-Time (COT)
control
mode
that
provides
fast
transient
response and eases loop stabilization.
Operation frequency can be programmed easily
from 200kHz to 1MHz by an external resistor
and keeps nearly constant as input supply
varies by the feedforward compensation.
VCC under voltage lockout is internally set at
3.9V, but can be increased by programming the
threshold with a resistor network on the enable
pin.
The
output
voltage
startup
ramp
is
controlled by the soft start pin. An open drain
power good signal indicates the output is within
its nominal voltage range.
Full integrated protection features include OCP,
OVP and thermal shutdown.
The MP8764 requires a minimum number of
readily available standard external components
and are available in QFN 3X4 package.
FEATURES
•
2.5V to 18V Operating Input Range with
External 5V Bias
•
4.5V to 18V Operating Input Range with
Internal Bias
•
12A Output Current
•
Low RDS(ON) Internal Power MOSFETs
•
Proprietary Switching Loss Reduction
Technique
•
Adaptive COT for Ultrafast Transient
Response
•
1.5% Reference Voltage Over
-40°C
to
+125°C Junction Temperature Range
•
Programmable Soft Start Time
•
Pre-Bias Start up
•
Programmable Switching Frequency from
200kHz to 1MHz
•
OVP, latch-off SCP, Protection and Thermal
Shutdown
•
Output Adjustable from 0.611V to 13V
APPLICATIONS
•
Set-top Boxes
•
XDSL Modem/DSLAM
•
Small-cell Base Stations
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
FR EQ
VC C
EN
PGND
BST
FB
SW
M P8764
V
IN
ON /OFF
C1
R
FR EQ
C5
C3
L1
R4
C4
R1
R2
C2
R3
PG
AGND
SS
V
OUT
C6


Similar Part No. - MP8764GLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8764GLE MPS-MP8764GLE Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
More results

Similar Description - MP8764GLE

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com