Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPFD-3040 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LPFD-3040
Description  Dual Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPFD-3040 Datasheet(HTML) 1 Page - Mini-Circuits

  LPFD-3040 Datasheet HTML 1Page - Mini-Circuits LPFD-3040 Datasheet HTML 2Page - Mini-Circuits LPFD-3040 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
40 dB
20 dB
3 dB
1 dB
FREQUENCY / Fco
DC
0.9 1
1.35
1.75
3
40 dB
20 dB
2
20 dB
40 dB
DC
0.8 1
1.75
2.7
50/40
FREQUENCY / fCO
REV. B
M151121
EDU0935
LPFD-3040+
URJ
161017
Page 1 of 3
Maximum Ratings*
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max
LPFD-3040+
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
Features
• High rejection
• Sharp insertion loss roll off
• Good VSWR, 1.2:1 typ.@ passband
• Small size dual filter, 0.5" x 0.5"
• Aqueous washable
Typical Frequency Response
(for each of filter)
Functional Schematic
50Ω
Passband DC to 30 MHz & DC to 40 MHz
Dual Low Pass Filter
Metal Shield
Applications
• Wireless communications
• Receivers / Transmitters
Pin Connections
Outline Dimensions (
)
inch
mm
RF IN 1
2 (Filter 1)
RF OUT 1
14 (Filter 1)
RF IN 2
6 (Filter 2)
RF OUT 2
10 (Filter 2)
GROUND
1,3,4,5,7,8,9,11,12,13,15,16
CASE STYLE: DV874
Outline Drawing
Filter 1
Filter 2
Cross Over
Filter 1 Filter 2
Freq.
I. Loss
R. Loss
I. Loss
R. Loss
Isolation
Freq.
Group Delay
(MHz)
(dB)
(dB)
(dB)
(dB)
(dB)
(MHz)
(nSec)
x
σ
x
σ
between filters 1 & 2
0.5
0.71
0.01
21.67
0.63
0.01
22.54
80.24
1.0
14.71
12.17
10.0
0.75
0.01
19.88
0.67
0.01
19.99
73.62
2.0
13.93
11.46
30.0
1.07
0.01
23.26
0.81
0.01
35.64
63.30
5.0
14.00
11.53
40.0
2.57
0.07
8.77
1.09
0.02
26.26
57.61
7.0
14.05
11.53
45.0
6.32
0.11
3.19
1.65
0.05
12.68
57.41
9.0
14.11
11.53
49.0
10.44
0.11
1.68
2.98
0.10
6.81
58.93
10.0
14.19
11.54
55.0
16.57
0.10
0.92
7.00
0.17
2.67
62.72
12.0
14.38
11.67
60.0
21.14
0.09
0.68
11.21
0.19
1.46
65.96
14.0
14.60
11.80
70.0
29.00
0.08
0.47
19.20
0.18
0.74
70.46
18.0
15.16
12.10
85.0
38.54
0.08
0.33
28.96
0.17
0.46
73.12
20.0
15.47
12.29
100.0
46.46
0.09
0.25
36.77
0.18
0.34
73.34
22.0
15.81
12.48
110.0
51.21
0.09
0.22
41.25
0.20
0.29
73.38
26.0
16.61
12.95
130.0
59.96
0.07
0.18
48.97
0.27
0.23
73.52
28.0
17.17
13.23
300.0
79.56
1.05
0.10
92.38
7.91
0.09
70.87
30.0
18.01
13.53
500.0
77.31
1.78
0.12
84.66
1.62
0.09
70.89
32.0
19.19
13.89
1000.0
70.18
0.57
0.21
81.14
1.79
0.18
64.31
34.0
20.85
14.38
1500.0
65.33
1.24
0.26
70.79
2.35
0.25
49.52
38.0
24.94
15.78
2000.0
57.08
1.20
0.26
58.56
1.29
0.29
42.45
40.0
26.03
16.83
RF IN 1
RF IN 2
RF OUT 1
RF OUT 2
Filter 1
Filter 2
STRUCTURE PASSBAND fco, MHz
STOPBAND
CROSS OVER
VSWR (:1)
(MHz)
Nom.
(MHz)
ISOLATION
(dB)
Passband Stopband
(Loss < 2dB) (Loss 3dB) (Loss > 20dB) (Loss > 40dB)
Typ.
Typ.
Typ.
Filter 1
DC - 30
40
70 - 110
110 - 2000
60
1.2
20
Filter 2
DC - 40
49
85 - 130
130 - 2000
1.2
20
Permanent damage may occur if any of these limits are exceeded.
*Ratings are for each of the two filters in the package.
TOP SIDE
BOTTOM SIDE
SIDE VIEW
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
METALLIZATION
SOLDER RESIST
A
B
C
D
E
F
G
H
J
.500 .500 .195 .100 .080 .115 .060 .040 .540
12.70 12.70 4.95 2.54 2.03 2.92 1.52 1.02 13.72
K
L
M
N
P
Q
R
S
wt.
.060 .100 .135 .135 .115 .140 .070 .150 grams
1.52 2.54 3.43 3.43 2.92 3.56 1.78 3.81
1.0
Demo Board MCL P/N: TB-686
Suggested PCB Layout (PL-374)
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - LPFD-3040

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LPFD-7080 MINI-LPFD-7080 Datasheet
513Kb / 3P
Dual Low Pass Filter
LPFD-7080+ MINI-LPFD-7080+ Datasheet
513Kb / 3P
Dual Low Pass Filter
More results

Similar Description - LPFD-3040

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
Dual-Channel Programmable Low-Pass Filter
logo
Mini-Circuits
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
DLFCV-1000 MINI-DLFCV-1000 Datasheet
668Kb / 4P
Dual Low Pass Filter
LPFD-7080 MINI-LPFD-7080 Datasheet
513Kb / 3P
Dual Low Pass Filter
DLFCV-1750 MINI-DLFCV-1750 Datasheet
883Kb / 4P
Dual Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
Dual-Channel Programmable Low-Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com