Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC8877-3.2DBT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMC8877-3.2DBT
Description  LOW NOISE 300mA LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC8877-3.2DBT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMC8877-3.2DBT Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AMC DOC. #: AMC8877_A (LF)
AMC8877
Jun 2004
LOW NOISE 300mA
LOW DROPOUT REGULATOR
TYPICAL APPLICATION
CBP
0.01
µF
AMC8877
ON
OFF
VIN
2.5V to 6V
CIN
1
µF
COUT
1
µF
VOUT
ABSOLUTE MAXIMUM RATINGS
(Note)
Input Voltage, VIN
12V
Operating Junction Temperature, TJ
150
OC
Storage Temperature Range
-65
OC to +150 OC
Lead Temperature (soldering, 10 seconds)
+260
OC
Power Dissipation, PD @ TA = 70
OC
150 mW
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
THERMAL DATA
DB PACKAGE:
Thermal Resistance from Junction to Ambient,
θ JA
220
OC /W
Junction Temperature Calculation: TJ = TA + (PD × θ JA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
Connect the ground pin to ground using a large pad or ground plane for better heat dissipation.
All of the above assume no ambient airflow.
Maximum Power Calculation:
TJ(MAX) – TA(MAX)
PD(MAX)=
θJA
TJ(
OC): Maximum recommended junction temperature
TA(
OC): Ambient temperature of the application
θJA(OC /W): Junction-to-junction temperature thermal resistance of the package, and other heat
dissipating materials.
The maximum power dissipation for a single-output regulator is :
PD(MAX) = [(VIN(MAX) - VOUT(NOM))] × IOUT(NOM) + VIN(MAX) × IQ
Where: VOUT(NOM) = the nominal output voltage
IOUT(NOM) = the nominal output current, and
IQ = the quiescent current the regulator consumes at IOUT(MAX)
VIN(MAX) = the maximum input voltage
Then
θ
JA = (+150
OC – TA)/PD
Copyright
© 2002, ADD Microtech Corp.
2
www.addmtek.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com