Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC8877-3.2DBT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AMC8877-3.2DBT
Description  LOW NOISE 300mA LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC8877-3.2DBT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  AMC8877-3.2DBT Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC8877-3.2DBT Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AMC DOC. #: AMC8877_A (LF)
AMC8877
Jun 2004
LOW NOISE 300mA
LOW DROPOUT REGULATOR
3.16V
(Vo~-Vp)
300mA
(Vo~Vp)
300mA
(Vo~Vp)
3.12V
(Vo~-Vp)
Line Transient Response,
With IO=50mA
Entering Shutdown,
No Load
VSHDN
VOUT
VOUT=3.3V
Time=1ms
Time=2ms
Shutdown Exit Delay,
CBP= 0.1uF
Shutdown Exit Delay,
CBP= 2pF
IO=50mA
VOUT=3..3V
VOUT
VSHDN
IO=50mA
VOUT=3..3V
VOUT
VSHDN
Time=2ms
Time=200µs
Copyright
© 2002, ADD Microtech Corp.
7
www.addmtek.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com