Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPFD-7080 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LPFD-7080
Description  Dual Low Pass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LPFD-7080 Datasheet(HTML) 1 Page - Mini-Circuits

  LPFD-7080 Datasheet HTML 1Page - Mini-Circuits LPFD-7080 Datasheet HTML 2Page - Mini-Circuits LPFD-7080 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
40 dB
20 dB
3 dB
1 dB
FREQUENCY / Fco
DC
0.9 1
1.35
1.75
3
40 dB
20 dB
2
20 dB
40 dB
DC
0.85 1
1.6
2.5
30/25
FREQUENCY / fCO
REV. B
M151121
EDU0937
LPFD-7080+
URJ
161017
Page 1 of 3
Maximum Ratings*
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max
LPFD-7080+
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
Features
• High rejection
• Sharp insertion loss roll off
• Good VSWR, 1.2:1 typ.@ passband
• Small size dual filter, 0.5" x 0.5"
• Aqueous washable
Typical Frequency Response
(for each of filter)
Functional Schematic
50Ω
Passband DC to 70 MHz & DC to 80 MHz
Dual Low Pass Filter
Metal Shield
Pin Connections
RF IN 1
2 (Filter 1)
RF OUT 1
14 (Filter 1)
RF IN 2
6 (Filter 2)
RF OUT 2
10 (Filter 2)
GROUND
1,3,4,5,7,8,9,11,12,13,15,16
CASE STYLE: DV874
Filter 1
Filter 2
Cross Over
Filter 1 Filter 2
Freq.
I. Loss
R. Loss
I. Loss
R. Loss
Isolation
Freq.
Group Delay
(MHz)
(dB)
(dB)
(dB)
(dB)
(dB)
(MHz)
(nSec)
x
σ
x
σ
between filters 1 & 2
0.5
0.25
0.01
29.65
0.23
0.01
30.43
91.07
1.0
8.71
7.70
10.0
0.31
0.01
24.16
0.26
0.01
28.06
85.80
3.5
7.24
6.22
70.0
1.01
0.03
16.31
0.70
0.01
23.57
62.72
5.0
7.26
6.21
80.0
2.77
0.18
5.81
0.93
0.02
20.26
60.18
10.0
7.16
6.16
93.0
8.78
0.36
1.59
2.99
0.15
5.76
61.51
15.0
7.22
6.20
95.0
9.87
0.37
1.36
3.63
0.17
4.73
62.07
20.0
7.29
6.24
100.0
12.58
0.37
0.99
5.58
0.21
2.94
63.67
25.0
7.39
6.31
135.0
28.39
0.32
0.39
20.92
0.20
0.53
71.02
30.0
7.54
6.39
140.0
30.25
0.32
0.36
22.79
0.19
0.48
71.15
35.0
7.72
6.51
155.0
35.43
0.30
0.29
27.92
0.17
0.36
71.62
40.0
7.94
6.63
200.0
48.59
0.27
0.20
40.20
0.15
0.22
70.58
45.0
8.20
6.78
250.0
61.85
0.26
0.17
50.46
0.37
0.18
69.69
50.0
8.51
6.93
300.0
79.88
0.69
0.14
58.56
0.82
0.13
68.75
55.0
8.94
7.13
500.0
74.18
2.26
0.14
80.02
3.37
0.09
66.98
60.0
9.62
7.36
1000.0
67.53
0.49
0.21
78.51
0.58
0.16
67.67
66.0
10.89
7.81
1500.0
66.18
2.87
0.26
71.46
1.54
0.23
50.65
70.0
12.01
8.28
2000.0
60.25
4.58
0.27
57.38
1.46
0.26
43.79
75.0
13.20
9.10
2500.0
56.20
7.32
0.31
47.80
1.38
0.29
39.95
80.0
13.27
10.14
RF IN 1
RF IN 2
RF OUT 1
RF OUT 2
Filter 1
Filter 2
STRUCTURE PASSBAND fco, MHz
STOPBAND
CROSS OVER
VSWR (:1)
(MHz)
Nom.
(MHz)
ISOLATION
(dB)
Passband Stopband
(Loss < 2dB) (Loss 3dB) (Loss > 20dB) (Loss > 40dB)
Typ.
Typ.
Typ.
Filter 1
DC - 70
80
135 - 200
200 - 2500
60
1.2
20
Filter 2
DC - 80
93
155 - 250
250 - 2500
1.2
20
Permanent damage may occur if any of these limits are exceeded.
*Ratings are for each of the two filters in the package.
Applications
• Wireless communications
• Receivers / Transmitters
Outline Dimensions (
)
inch
mm
Outline Drawing
TOP SIDE
BOTTOM SIDE
SIDE VIEW
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
METALLIZATION
SOLDER RESIST
A
B
C
D
E
F
G
H
J
.500 .500 .195 .100 .080 .115 .060 .040 .540
12.70 12.70 4.95 2.54 2.03 2.92 1.52 1.02 13.72
K
L
M
N
P
Q
R
S
wt.
.060 .100 .135 .135 .115 .140 .070 .150 grams
1.52 2.54 3.43 3.43 2.92 3.56 1.78 3.81
1.0
Demo Board MCL P/N: TB-686
Suggested PCB Layout (PL-374)
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - LPFD-7080

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LPFD-3040 MINI-LPFD-3040 Datasheet
509Kb / 3P
Dual Low Pass Filter
LPFD-3040+ MINI-LPFD-3040+ Datasheet
509Kb / 3P
Dual Low Pass Filter
More results

Similar Description - LPFD-7080

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
Dual-Channel Programmable Low-Pass Filter
logo
Mini-Circuits
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
DLFCV-1000 MINI-DLFCV-1000 Datasheet
668Kb / 4P
Dual Low Pass Filter
LPFD-3040 MINI-LPFD-3040 Datasheet
509Kb / 3P
Dual Low Pass Filter
DLFCV-1750 MINI-DLFCV-1750 Datasheet
883Kb / 4P
Dual Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
Dual-Channel Programmable Low-Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com