Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-PSLR31.13 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GD-PSLR31.13
Description  white SMT package, colored diffused silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GD-PSLR31.13 Datasheet(HTML) 1 Page - OSRAM GmbH

  GD-PSLR31.13 Datasheet HTML 1Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 2Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 3Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 4Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 5Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 6Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 7Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 8Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-06-16
1
2017-06-16
DURIS
® S 5
Datasheet
Version 1.3
GD PSLR31.13
Wide spectrum of phosphor converted Red, Amber,
Green, Blue with excellent color rendering and
supreme efficacy in cost effective industry standard
LED
Wide spectrum of phosphor converted Red, Amber,
Green, Blue with excellent color rendering and
supreme efficacy in cost effective industry standard
LED
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 450 nm ( deep blue )
•
Farbe: 450 nm ( deep blue )
•
Radiant Flux: typ. 480 mW
•
Strahlungsfluss: typ. 480 mW
•
Radiant Efficiency: typ. 51 %
•
Lichtausbeute: typ. 51 %
Applications
Anwendungen
•
Architectural lighting
•
Architekturbeleuchtung
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Indoor General Lighting
•
Innen-Allgemeinbeleuchtung
•
Linear lights
•
Linearbeleuchtung
•
Professional downlights
•
Professionelle Downlights
•
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
•
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter


Similar Part No. - GD-PSLR31.13

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GD-PSLR31-13 AMSOSRAM-GD-PSLR31-13 Datasheet
1Mb / 21P
DURIS® S 5
Version 1.8 2020-11-17
More results

Similar Description - GD-PSLR31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LT32.EM OSRAM-GW-P9LT32.EM Datasheet
1Mb / 24P
white SMT package, colored diffused silicone resin
GW-PSLM31.EM OSRAM-GW-PSLM31.EM Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com