Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-PSLR31.13 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GD-PSLR31.13
Description  white SMT package, colored diffused silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GD-PSLR31.13 Datasheet(HTML) 5 Page - OSRAM GmbH

  GD-PSLR31.13 Datasheet HTML 1Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 2Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 3Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 4Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 5Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 6Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 7Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 8Page - OSRAM GmbH GD-PSLR31.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.3
GD PSLR31.13
2017-06-16
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
2) page 20
Durchlassspannungsgruppen 2) Seite 20
Dominant Wavelength Groups
5) page 20
Dominant Wellenlängengruppen
5) Seite 20
Group
Radiant Power 4) page 20
Radiant Power 4) page 20
Gruppe
Strahlungsleistung 4) Seite 20
Strahlungsleistung 4) Seite 20
(min.) Φ
E [mW]
(max.) Φ
E [mW]
3T
355
400
4T
400
450
1U
450
500
2U
500
560
3U
560
630
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
B
5.60
5.80
C
5.80
6.00
D
6.00
6.20
E
6.20
6.40
F
6.40
6.60
G
6.60
6.80
Group
deep blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
2
444
449
3
449
453
4
453
457
5
457
461
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com