Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P257AP Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P257AP
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AP Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P257AP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
29
enabled) will cause the device to reset. The WDT can be enabled or disabled at any time during the normal mode
by software programming. Refer to WDTE bit of IOCE0 register. With no prescaler, the WDT time-out period is
approximately 18 ms
1 or 1ms2 (one oscillator start-up timer period).
8-Bit counter
WDT
Prescaler
8 to 1 MUX
WDT Time out
WDTE
(IOCE0)
TCC Pin
MUX
CLK (Fosc/2 or Fosc/4)
8-Bit Counter (RC)
8 to 1 MUX
TE (CONT)
Data Bus
TCC overflow
interrupt
TS (CONT)
SYNC
2 cycles
TCC (R1)
0
1
PSW2~0
(IOCE0)
Prescaler
PSR2~0
(CONT)
Fig. 6 Block Diagram of TCC and WDT
4.4 I/O Ports
The I/O registers, (Port 5, Port 6, and Port 7), are bi-directional tri-state I/O ports. Port 5 is pulled-high internally by
software. Likewise, P6 has its open-drain output also through software. Port 5 features an input status changed
interrupt (or wake-up) function and is pulled-down by software. Each I/O pin can be defined as "input" or "output" pin
by the I/O control register (IOC5 ~ IOC7). The I/O registers and I/O control registers are both readable and writable.
The I/O interface circuits for Port 5, Port 6 and Port7 are shown in Fig. 7, Fig. 8, and Fig. 9 respectively.
1 NOTE:
VDD=5V, Setup time period = 15.4ms ± 30%.
VDD=3V, Setup time period = 17.6ms ± 30%.
2 NOTE:
VDD=5V, Setup time period = 1.07ms ± 30%.
VDD=3V, Setup time period = 1.22ms ± 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com