Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P257AP Datasheet(PDF) 72 Page - ELAN Microelectronics Corp

Part # EM78P257AP
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AP Datasheet(HTML) 72 Page - ELAN Microelectronics Corp

Back Button EM78P257AP Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 76Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
72
6. ELECTRICAL CHARACTERISTICS
6.1 DC Electrical Characteristic
(Ta=0~70
°C, VDD=5.0V±5%, VSS=0V)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
XTAL (VDD to 2.3V)
DC
4
MHz
XTAL (VDD to 3V)
DC
8
MHz
XTAL (VDD to 5V)
Two cycle with two clocks
DC
20
MHz
ERC (VDD to 5V)
R: 5.1K
Ω, C: 100 pF
F
±30% 830 F±30% KHz
IRC (VDD to 5 V)
4MHz, 1MHz, 455KHz,
32.768KHz
F
±35%
F
F
±35%
Hz
Fxt
IC, ER (VDD to 5V)
R: 51K
Ω
F
±30%
4.3
F
±30% MHz
IIL
Input Leakage Current for input pins
VIN = VDD, VSS
±1
µA
VIH1
Input High Voltage (VDD=5V)
Ports 5, 6
2.0
V
VIL1
Input Low Voltage (VDD=5V)
Ports 5, 6
0.8
V
VIHT1
Input High Threshold Voltage (VDD=5V)
/RESET, TCC
2.0
V
VILT1
Input Low Threshold Voltage (VDD=5V)
/RESET, TCC
0.8
V
VIHX1
Clock Input High Voltage ,(VDD=5V)
OSCI
2.5
V
VILX1
Clock Input Low Voltage(VDD=5V)
OSCI
1.0
V
VIH2
Input High Voltage (VDD=3V)
Ports 5, 6
1.5
V
VIL2
Input Low Voltage (VDD=3V)
Ports 5, 6
0.4
V
VIHT2
Input High Threshold Voltage (VDD=3V)
/RESET, TCC
1.5
V
VILT2
Input Low Threshold Voltage (VDD=3V)
/RESET, TCC
0.4
V
VIHX2
Clock Input High Voltage (VDD=3V)
OSCI
1.5
V
VILX2
Clock Input Low Voltage (VDD=3V)
OSCI
0.6
V
VOH1
Output High Voltage (Ports 5, 6)
IOH = -9.0 mA
2.4
V
VOL1
Output Low Voltage (Ports 5, 6)
IOL = 9.0 mA
0.4
V
VOH2
Output High Voltage (P67 set to IR OUT)
IOH = -20.0 mA
2.4
V
VOL2
Output Low Voltage (P67 set to IR OUT)
IOL = 20.0 mA
0.4
V
IPH
Pull-high current
Pull-high active, input pin at VSS
-50
-100
-240
µA
IPD
Pull-down current
Pull-down active, input pin at VDD
25
50
120
µA
ISB1
Power down current
All input and I/O pins at VDD,
output pin floating, WDT dis abled
1
µA
ISB2
Power down current
All input and I/O pins at VDD,
output pin floating, WDT enabled
1
10
µA
ICC1
Operating supply current
(VDD=3V) at two clocks
/RESET= 'High', Fosc=32KHz
(Crystal type, two clocks), output
pin floating, WDT disabled
15
30
µA
ICC2
Operating supply current
(VDD=3V) at two clocks
/RESET= 'High', Fosc=32KHz
(Crystal type, two clocks), output
pin floating, WDT enabled
19
35
µA
ICC3
Operating supply current
(VDD=5.0V) at two clocks
/RESET= 'High', Fosc=2MHz
(Crystal type, two clocks), output
pin floating
2.0
mA
ICC4
Operating supply current
(VDD=5.0V) at two clocks
/RESET= 'High', Fosc=4MHz
(Crystal type, two clocks), output
pin floating
4.0
mA
* These parameters are characterizes and tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com