Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF01B00 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # HF01B00
Description  Off Line High Voltage Quasi Resonant Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF01B00 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button HF01B00 Datasheet HTML 8Page - Monolithic Power Systems HF01B00 Datasheet HTML 9Page - Monolithic Power Systems HF01B00 Datasheet HTML 10Page - Monolithic Power Systems HF01B00 Datasheet HTML 11Page - Monolithic Power Systems HF01B00 Datasheet HTML 12Page - Monolithic Power Systems HF01B00 Datasheet HTML 13Page - Monolithic Power Systems HF01B00 Datasheet HTML 14Page - Monolithic Power Systems HF01B00 Datasheet HTML 15Page - Monolithic Power Systems HF01B00 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HF01B00/01/02/03/04
–OFF LINE HIGH VOLTAGE QUASI RESONANT REGULATOR
HF01B00/01/02/03/04 Rev. 1.2
www.MonolithicPower.com
13
4/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Start
Vcc>11.8V
Vcc<8.5V?
and
OLP=Logic
High
Internal High Voltage
Current Source ON
Toff<
7.8uS
Y
N
Soft Start
Monitor VFB
Monitor Vcc
VFB>3.7V
0.5V<VFB<3.7V
VFB<0.5V
Burst Mode
Operation
QR mode Operation
Constraint
Toff_min≥7.8uS
VFB>0.7V
Y
N
N
Y
OLP=Logic High
Y
Thermal
Monitor
Y
Vcc Decrease
to 5.5V
Shut Down
Internal High Voltage
Current Source
Latch off the
Switching Pulse
N
Continuous
Fault Monitor
Vcc<8V
Y
N
OVP=
Logic
High?
N
Y
OTP=
Logic
High?
Y
N
UVLO, OTP & OLP are auto restart , OVP
is latch
Release from the latch condition , need to
unplug from the main input .
Pin Demag
Monitor
Vcc<3V?
Y
N
Shut off the
Switching
Pulse
Y
Figure 12
—Control Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com