Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP171 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP171
Description  700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP171 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP171 Datasheet HTML 1Page - Monolithic Power Systems MP171 Datasheet HTML 2Page - Monolithic Power Systems MP171 Datasheet HTML 3Page - Monolithic Power Systems MP171 Datasheet HTML 4Page - Monolithic Power Systems MP171 Datasheet HTML 5Page - Monolithic Power Systems MP171 Datasheet HTML 6Page - Monolithic Power Systems MP171 Datasheet HTML 7Page - Monolithic Power Systems MP171 Datasheet HTML 8Page - Monolithic Power Systems MP171 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP171 –NON-ISOLATED OFFLINE REGULATOR
MP171 Rev. 1.0
www.MonolithicPower.com
4
9/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5.5 V, TJ = -40°C~125°C, min and max are guaranteed by characterization, typical is tested
under 25°C, unless otherwise specified.
Parameter
Symbol Condition
Min
Typ
Max
Units
Start-up Current Source and Internal MOSFET (DRAIN)
Internal regulator supply current
Iregulator VCC = 4 V; VDrain = 100 V
2.2
4.1
6
mA
DRAIN leakage current
ILeak
VCC = 5.8 V; VDrain = 400 V
10
17
μA
Breakdown voltage
V(BR)DSS TJ = 25°C
700
V
On resistance
Ron
TJ = 25°C
20
25
Ω
Supply Voltage Management (VCC)
VCC level (increasing) where the internal
regulator stops
VCCOFF
5.4
5.7
6
V
VCC level (decreasing) where the
internal regulator turns on
VCCON
5.1
5.5
5.8
V
VCC regulator on and off hysteresis
130
250
mV
VCC level (decreasing) where the IC
stops
VCCstop
3
3.4
3.6
V
VCC level (decreasing) where the
protection phase ends
VCCpro
2
2.5
2.8
V
Internal IC consumption
ICC
fs = 36 kHz, D = 64%
720
μA
Internal IC consumption (no switching)
ICC
200
µA
Internal IC consumption, latch-off phase
ICCLATCH VCC = 5.3 V
16
24
μA
Internal Current Sense
Peak current limit
ILimit
TJ = 25°C
85
105
125
mA
Leading-edge blanking
τLEB1
350
ns
SCP threshold
ISCP
TJ = 25°C
220
300
400
mA
Leading-edge blanking for SCP
(1)
τLEB2
180
ns
Feedback Input (FB)
Minimum off time
τminoff
7.5
10
12.5
μs
Maximum on time
τmanon
13
18
23
μs
Primary MOSFET feedback turn-on
threshold
VFB
2.45
2.55
2.65
V
OLP feedback trigger threshold
VFB_OLP
1.64
1.74
1.84
V
OLP delay time
τOLP
fs = 36 kHz
175
ms
Open-loop detection
VOLD
0.4
0.5
0.6
V
Thermal Shutdown
Thermal shutdown threshold
(1)
150
°C
Thermal shutdown recovery hysteresis
(1)
30
°C
NOTE:
1) This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com