Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP171 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP171
Description  700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP171 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP171 Datasheet HTML 9Page - Monolithic Power Systems MP171 Datasheet HTML 10Page - Monolithic Power Systems MP171 Datasheet HTML 11Page - Monolithic Power Systems MP171 Datasheet HTML 12Page - Monolithic Power Systems MP171 Datasheet HTML 13Page - Monolithic Power Systems MP171 Datasheet HTML 14Page - Monolithic Power Systems MP171 Datasheet HTML 15Page - Monolithic Power Systems MP171 Datasheet HTML 16Page - Monolithic Power Systems MP171 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP171 –NON-ISOLATED OFFLINE REGULATOR
MP171 Rev. 1.0
www.MonolithicPower.com
13
9/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Topology Options
MP171 can be used in common topologies such
as buck, boost, buck-boost, and flyback (see
Table 1).
Component selection below is based on the
typical application of MP173 (see it on page 1).
Component Selection
Input Capacitor
The input capacitor supplies the DC input voltage
for the converter. Figure 6 shows the typical DC
bus voltage waveform of a half-wave rectifier and
a full-wave rectifier.
Vin
DC input voltage
t
V
DC(min)
V
DC(max)
AC input voltage
Vin
DC input voltage
t
V
DC( min)
V
DC(max)
AC input voltage
Figure 6—Input voltage waveform
Typically, the use of a half-wave rectifier requires
an input capacitor rated at 3 µF/W for the
universal input condition. When using a full-wave
rectifier, an input capacitor is chosen between
1.5~2 µF/W for the universal input condition. A
half-wave rectifier is recommended for a < 2 W
output application, otherwise use a full-wave
rectifier.
Under very low input voltage, the inductor current
ramps up slowly; it may not reach the current
limit during
τmanon, so the MOSFET maximum on
time should be less than the minimum value of
τmanon.
Inductor
The MP171 has a minimum off-time limit that
determines the maximum power output. A power
inductor with a larger inductance increases the
maximum power. Using a very small inductor
may cause failure at full load. Estimate the
maximum power using Equation (7) and Equation
(8):
 ominoff
omax
o peak
V
PV (I
)
2L
, for CCM
(7)

2
o max
peak
minoff
11
PLI
2
, for DCM
(8)
For
mass
production,
tolerance
on
the
parameters (such as peak current limitation) and
the minimum off time should be taken into
consideration.
Freewheeling Diode
Select a diode with a maximum reverse-voltage
rating greater than the maximum input voltage
and a current rating determined by the output
current.
The reverse recovery of the freewheeling diode
affects efficiency and circuit operation during a
CCM condition, so use an ultra-fast diode such
as the EGC10JH.
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Estimate the output voltage
ripple using Equation (9) and Equation (10):
CCM _ ripple
ESR
so
i
Vi R
8f C
  
, for
(9)
2
pk
o
o
DCM _ ripple
pk
ESR
so
pk
II
I
VI
R
fC
I





, for DCM (10)
It is recommended to use ceramic, tantalum, or
low ESR electrolytic capacitors to reduce the
output voltage ripple.
Feedback Resistors
The resistor divider determines the output
voltage. Choose appropriate R1 and R2 values to
maintain VFB at 2.55 V. An excessively large
value for R2 should be avoided.
Sampling Capacitor
The sampling capacitor (C3) samples and holds
the output voltage for feedback. With R1 and R2
fixed, a small sampling capacitor result in poor
regulation at light loads, and large sampling
capacitor affect the circuit operation. Roughly
estimate an optimal capacitor value using
Equation (11):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com