Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2410 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2410
Description  24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2410 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2410 Datasheet HTML 8Page - Monolithic Power Systems MP2410 Datasheet HTML 9Page - Monolithic Power Systems MP2410 Datasheet HTML 10Page - Monolithic Power Systems MP2410 Datasheet HTML 11Page - Monolithic Power Systems MP2410 Datasheet HTML 12Page - Monolithic Power Systems MP2410 Datasheet HTML 13Page - Monolithic Power Systems MP2410 Datasheet HTML 14Page - Monolithic Power Systems MP2410 Datasheet HTML 15Page - Monolithic Power Systems MP2410 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP2410 – 24V, 2A, 1MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2410 Rev. 1.0
www.MonolithicPower.com
12
8/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Figure 2: EN/DIM Time Sequence
Analog Dimming
Apply a DC signal on EN/DIM to dim the
MP2410 in analog dimming mode. When the
voltage on EN/DIM is lower than VADIM_MIN, the
LED current is regulated to the minimal scale.
When the voltage on EN/DIM is between
VADIM_MIN and VADIM_MAX, the LED current changes
from the minimal scale to the full scale of the
LED current. If the voltage on EN/DIM is higher
than VADIM_MAX, the maximum LED current is
regulated.
Figure 3 shows the analog dimming curve. Due
to the hysteretic of the EN/DIM on/off threshold,
the chip remains at the minimal LED current
longer at the VEN/DIM falling edge until VEN/DIM is
lower than VEN_OFF. The dimming curve is the
same in the linear dimming range.
Figure 3: Analog Dimming Curve
Open LED
If the LED is open without a feedback signal, the
MP2410 works at the maximum duty cycle, and
the output voltage rises up close to the input
voltage. Every power component operates at a
safe state.
LED Short-Circuit Protection (SCP)
The
MP2410
integrates
LED
short-circuit
protection (SCP) circuitry. There are several
features protecting the MP2410 from damage
when an LED short circuit occurs.
The MP2410 features a cycle-by-cycle current
limit to restrict the maximum current of the
inductor. A protection mechanism monitors the
FB level though an internal R-C filter. Once the
FB level rises up to reach VFB_BURST_AL, the chip
stops switching until the FB level drops to a
lower value, and the system works in burst mode.
In the worst-case scenario, the LED is shorted to
GND. If the cycle-by-cycle current-limit function
cannot clamp the current overshoot sufficiently,
then the current through both the high-side and
low-side FETs is also monitored by over-current
detector inside the chip. If this current is higher
than the short-circuit threshold (IOCP), the
MP2410 treats this as a short-circuit condition.
When an over-current condition or short-circuit
condition is detected, the MP2410 turns off both
the high-side and low-side MOSFETs for 2.4ms
and restarts. During this period, VCOMP is pulled
down to ground, so the restart from the fault
condition is also done with a soft start.
Thermal Protection
NTC provides LED thermal protection. An NTC
resistor used to monitor the ambient temperature
can be connected to NTC directly. There is an
internal current source flowing out of NTC. The
corresponding voltage is generated on the
external NTC resistor and the LED current
changes (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com