Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2410 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2410
Description  24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2410 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2410 Datasheet HTML 9Page - Monolithic Power Systems MP2410 Datasheet HTML 10Page - Monolithic Power Systems MP2410 Datasheet HTML 11Page - Monolithic Power Systems MP2410 Datasheet HTML 12Page - Monolithic Power Systems MP2410 Datasheet HTML 13Page - Monolithic Power Systems MP2410 Datasheet HTML 14Page - Monolithic Power Systems MP2410 Datasheet HTML 15Page - Monolithic Power Systems MP2410 Datasheet HTML 16Page - Monolithic Power Systems MP2410 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP2410 – 24V, 2A, 1MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2410 Rev. 1.0
www.MonolithicPower.com
13
8/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ILED
0
VH_NTC
VL_NTC
VSD_NTC
VNTC
Full Scale
Min Scale
Figure 4: NTC Curve
The NTC resistance value drops when the
ambient temperature rises up. If the NTC voltage
drops below VSD_NTC, the switching stops
completely, and the LED current drops to 0A, so
the LED lamp can be shut down by pulling NTC
down.
Additionally, to protect against any lethal thermal
damage, when the inner temperature exceeds
the OTP threshold, the MP2410 shuts down the
switching cycle with thermal shutdown until the
temperature drops to its lower threshold.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than 150°C, OTP shuts down the entire
chip. When the temperature is below its lower
threshold (typically 90°C), the chip restarts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com