Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP174GS
Description  700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP174GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP174GS Datasheet HTML 1Page - Monolithic Power Systems MP174GS Datasheet HTML 2Page - Monolithic Power Systems MP174GS Datasheet HTML 3Page - Monolithic Power Systems MP174GS Datasheet HTML 4Page - Monolithic Power Systems MP174GS Datasheet HTML 5Page - Monolithic Power Systems MP174GS Datasheet HTML 6Page - Monolithic Power Systems MP174GS Datasheet HTML 7Page - Monolithic Power Systems MP174GS Datasheet HTML 8Page - Monolithic Power Systems MP174GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP174 – NON-ISOLATED OFF-LINE REGULATOR
MP174 Rev. 1.01
www.MonolithicPower.com
4
8/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5.5V, TJ=-40°C~125°C, Min & Max are guaranteed by characterization, typical is tested
under 25°C, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Start-up Current Source and Internal MOSFET (Drain Pin)
Internal regulator supply current
Iregulator
VCC=4V;VDrain=100V
2.2
4.1
6
mA
Drain pin leakage current
ILeak
VCC=5.8V;VDrain=400V
10
17
μA
Breakdown Voltage
V(BR)DSS
TJ=25°C
700
V
TJ=25°C
13.5
17
Ω
ON resistance
Ron
TJ=125°C
21
25
Ω
Supply Voltage Management (VCC Pin)
VCC level (increasing) where the internal
regulator stops
VCCOFF
5.4
5.6
6
V
VCC level (decreasing) where the
internal regulator turns on
VCCON
5.1
5.3
5.7
V
VCC regulator on and off hysteresis
130
250
mV
VCC level (decreasing) where the IC
stops
VCCstop
3
3.4
3.6
V
VCC level (decreasing) where the
protection phase ends
VCCpro
2.4
2.8
V
Internal IC consumption
ICC
fs=28kHz, D=67.8%
720
μA
Internal IC consumption (No switching)
ICC
200
uA
Internal IC consumption, latch-off phase
ICCLATCH
VCC=5.3V
16
24
μA
Internal Current Sense
Peak current limit
ILimit
TJ=25°C
600
660
720
mA
Leading-edge blanking
τLEB1
350
ns
SCP threshold
ISCP
TJ=25°C
750
900
mA
Leading-edge blanking for SCP
(1)
τLEB2
180
ns
Feedback Input (FB Pin)
Minimum off time
τminoff
9.5
12
15
μs
Maximum on time
τmanon
19
24
31
μs
Primary MOSFET feedback turn-on
threshold
VFB
2.45
2.55
2.65
V
OLP feedback trigger threshold
VFB_OLP
1.6
1.7
1.8
V
OLP delay time
τOLP
fs=28kHz
220
ms
Open-loop detection
VOLD
0.4
0.5
0.6
V
Thermal Shutdown
Thermal shutdown threshold
(1)
150
°C
Thermal shutdown recovery hysteresis
(1)
30
°C
Notes:
1) This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com