Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174GS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP174GS
Description  700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP174GS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP174GS Datasheet HTML 8Page - Monolithic Power Systems MP174GS Datasheet HTML 9Page - Monolithic Power Systems MP174GS Datasheet HTML 10Page - Monolithic Power Systems MP174GS Datasheet HTML 11Page - Monolithic Power Systems MP174GS Datasheet HTML 12Page - Monolithic Power Systems MP174GS Datasheet HTML 13Page - Monolithic Power Systems MP174GS Datasheet HTML 14Page - Monolithic Power Systems MP174GS Datasheet HTML 15Page - Monolithic Power Systems MP174GS Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP174 – NON-ISOLATED OFF-LINE REGULATOR
MP174 Rev. 1.01
www.MonolithicPower.com
12
8/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.

R1 R2
Vo 2.55V
R2
Frequency
Foldback
and
Peak
Current
Compression
The MP174 remains highly efficient under light-
load
condition
by
reducing
the
switching
frequency automatically.
Under light-load or no-load conditions, the output
voltage drops very slowly, which increasing the
MOSFET off time. Thus the frequency decreases
as the load decreases.
Determine the switching frequency as:
in
o
o
s
peak
o
in
(V
V )
V
f
2L(I
I ) V

, for CCM

in
O
o
o
s
2
peak
in
2(V
V ) I V
f
LI
V
, for DCM
At the same time, the peak current limit
decreases from 660mA as the off-time increases.
In standby mode, the frequency and the peak
current are both minimized, allowing for a smaller
dummy
load.
As
a
result,
peak-current
compression
helps
further
reduce
no-load
consumption. Peak current limit can be estimated
from the following equation (
τoff is the power
module’s off time):
Peak
off
I
660mA (2.4mA / s) (
12 s)

    
EA Compensation
-
+
VFB
M
-
+
V
ref
2.55V
EA
-
+
FB
Comparator
Vramp
Vramp
Ipeak
+
+
Figure 4: EA and Ramp Compensation
MP174
has
internal
error
amplifier
(EA)
compensation loop. It samples the feedback
voltage 6us after the MOSFET turns off, and
regulates the output based on the 2.55V
reference voltage.
Ramp Compensation
An internal ramp compensation circuit improves
the load regulation. As shown in Figure 4, an
exponential voltage signal added to pull down the
reference voltage of the feedback comparator.
The ramp compensation is a function of the load
conditions: the compensation is about the
1mV/µs under full-load conditions compensation
increases exponentially as the peak current
decreases.
Over-Load Protection (OLP)
Maximum output power of MP174 is limited by
maximum switching frequency and peak current
limit. If the load current is too large, output
voltage drops, so that the FB voltage drops.
When the FB voltage drops below 1.7V it is
considered as an error flag and timer starts. If the
timer reaches 220ms (fS=28kHz), OLP occurs.
This timer duration avoids triggering OLP when
the power supply starts up or load transition. The
power supply should start up in less than 220ms
(fS=28kHz). The OLP delay time is calculated as
per the following equation:

Delay
28kHz
220ms
fs
Short-Circuit Protection (SCP)
The MP174 monitors the peak current, and shuts
down when the peak current rises above SCP
threshold through short-circuit protection. The
power supply resumes operation with the
removal of the fault.
Thermal Shutdown (OTP)
To prevent any thermal induced damage, the
MP174 shuts down switching when the junction
temperature exceeds 150°C. During the thermal
shutdown
(OTP),
the
VCC
capacitor
is
discharged to 2.4V, and then the internal high
voltage regulator re-charges. MP174 recovers
when junction temperature drops below 120°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com