Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2930 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 8Page - Monolithic Power Systems MP2930 Datasheet HTML 9Page - Monolithic Power Systems MP2930 Datasheet HTML 10Page - Monolithic Power Systems MP2930 Datasheet HTML 11Page - Monolithic Power Systems MP2930 Datasheet HTML 12Page - Monolithic Power Systems MP2930 Datasheet HTML 13Page - Monolithic Power Systems MP2930 Datasheet HTML 14Page - Monolithic Power Systems MP2930 Datasheet HTML 15Page - Monolithic Power Systems MP2930 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
12
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The output of the error amplifier (VCOMP) is
compared to sawtooth waveforms to generate
the PWM signals. The PWM signals control the
timing of the MP86961 and regulate the
converter output to the specified reference
voltage. The internal and external circuitry,
which control voltage regulation are shown in
Figure 4.
The
MP2930
incorporates
an
internal
differential
remote-sense
amplifier
in
the
feedback path, which results in a more accurate
means of sensing output voltage. Connect the
microprocessor sense pins to the non-inverting
input (VSEN) and inverting input (RGND) of the
remote-sense
amplifier.
The
remote-sense
output (VDIFF) is connected to the inverting
input of the error amplifier through an external
resistor.
Each ID input offers a 45µA pull-up to an
internal 2.5V source for use with open-drain
outputs. The pull-up current diminishes to zero
above the logic threshold to protect voltage-
sensitive
output
devices.
External
pull-up
resistors can augment the pull-up current
sources if case leakage into the driving device
is greater than 45µA.
Load-Line Regulation
As the load current increases from zero, the
output voltage will drop from the ID table value
by an amount proportional to load current to
achieve the load-line.
Adding a Droop can help to reduce the output
voltage spike that result from fast load-current
demand changes.
As shown in Figure 4, a current proportional to
the average current of all active channels (IAVG)
flows from FB through a load-line regulation
resistor RFB. The voltage drop across RFB is
proportional to the output current. It can be
derived from Equation (6):
FB
R
AVG
I
DROOP
V
(6)
The regulated output voltage is reduced by the
droop voltage VDROOP. The output voltage is a
function
a
load
current,
it’s derived by
combining Equation (6) with the appropriate
sensing current expression defined by the
current sense method employed in Equation (7).
FB
R
ISEN
R
X
R
N
OUT
I
OFS
V
REF
V
OUT
V
(7)
Where VREF is the reference voltage, VOFS is the
programmed offset voltage, IOUT is the total
output current of the converter, RISEN is the
sense resistor connected to the ISEN+ pin, and
RFB is the feedback resistor, N is the active
channel number, and RX is the DCR, or RSENSE
depending on the sensing method.
Therefore the equivalent load-line impedance
(Droop
impedance),
can
be
derived
from
Equation (8):
ISEN
R
X
R
N
FB
R
LL
R
(8)
Output Voltage Offset Programming
In Figure 5, OFS pin is used to generate no-
load offset. A resistor RREF between DAC and
REF is selected, and the product (IOFS x ROFS) is
equal to the desired offset voltage.
R
C
FB
DAC
VCC
OR
GND
R
REF
OFS
GND
VCC
1.6V
0.4V
DYNAMIC
ID D/A
E/A
MP2930
REF
REF
OFS
Figure 5
—Output Voltage Offset
Programming
Connect a resistor ROFS between OFS to VCC
to generate a positive offset. The voltage
across it is regulated to 1.6V. This causes a
proportional current (IOFS) to flow into OFS. The
positive offset is:
OFS
R
REF
R
1.6
OFFSET
V
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com