Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2930 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 9Page - Monolithic Power Systems MP2930 Datasheet HTML 10Page - Monolithic Power Systems MP2930 Datasheet HTML 11Page - Monolithic Power Systems MP2930 Datasheet HTML 12Page - Monolithic Power Systems MP2930 Datasheet HTML 13Page - Monolithic Power Systems MP2930 Datasheet HTML 14Page - Monolithic Power Systems MP2930 Datasheet HTML 15Page - Monolithic Power Systems MP2930 Datasheet HTML 16Page - Monolithic Power Systems MP2930 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
13
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Connect a resistor ROFS between OFS to GND
to generate a negative offset. The voltage
across it is regulated to 0.4V, and IOFS flows out
of OFS. The negative offset is:
OFS
R
REF
R
0.4
OFFSET
V
(10)
The maximum Negative Offset for MP2930 is
150mV.
Enable and Disable
While in shutdown mode, the PWM outputs are
held in a Hi-Z state, and the SD signal is pulled
low to assure the Intelli-phase remain off. The
following input conditions must be met to start
MP2932.
1. VCC must reach the internal power-on reset
(POR) rising threshold.
2.
EN_PWR is used to coordinate the power
sequencing
between
VCC
and
another
voltage rail. The enable comparator holds
the MP2932 in shutdown until the voltage at
EN_PWR rises above 0.875V.
3. The voltage on EN_VTT must be higher than
0.875V to enable the controller. This pin is
typically connected to the output of VTT VR.
10k
Ω
910
Ω
MP2930 INTERNAL CIRCUIT
EXTERNAL CIRCUIT
VCC
EN_PWR
ENABLE
COMPARATOR
0.875V
0.875V
EN_VTT
POR
CIRCUIT
+12V
SOFT-START
AND
FAULT LOGIC
Figure 6
—Power Sequencing Using
Threshold Sensitive Enable (EN) Function
When all conditions are satisfied, MP2930
begins the soft-start and ramps the output
voltage to 1.1V first. After remaining at 1.1V for
some time, MP2930 reads the ID code at ID
input pins. If the ID code is valid, MP2930 will
regulate the output to the final ID setting. If the
ID code is OFF code, MP2930 will shutdown,
and cycling VCC, EN_PWR or EN_VTT is
needed to restart.
Soft-Start
MP2930 based VR has 4 periods during soft-
start as shown in Figure 7. After VCC, EN_VTT
and
EN_PWR
reach
their
POR/enable
thresholds, the controller will have fixed delay
period td1. After this delay period, the VR will
begin first soft-start ramp until the output
voltage
reaches
1.1V
voltage.
Then,
the
controller will regulate the VR voltage at 1.1V
for another fixed period td3. At the end of td3
period, MP2930 reads the ID signals. If the ID
code is valid, MP2930 will initiate the second
soft-start ramp until the voltage reaches the ID
voltage minus offset voltage.
VOUT
td1
td2
td3
td4
td5
500us/DIV
EN_VTT
VR_RDY
1.1V
Figure 7
—Soft-Start Waveforms
The soft-start time is the sum of the 4 periods,
as shown in Equation (12):
d4
t
d3
t
d2
t
d1
t
SS
t
(12)
td1 is a fixed delay with the typical value as
1.36ms. td3 is determined by the fixed 85µs plus
the time to obtain valid ID voltage. If the ID is
valid before the output reaches the 1.1V, the
minimum time to validate the ID input is 500ns.
Therefore the minimum td3 is about 86µs.
During td2 and td4, MP2930 digitally controls the
DAC voltage change at 6.25mV per step. The
time for each step is determined by the
frequency of the soft-start oscillator which is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com