Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4027 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4027
Description  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4027 Datasheet HTML 8Page - Monolithic Power Systems MP4027 Datasheet HTML 9Page - Monolithic Power Systems MP4027 Datasheet HTML 10Page - Monolithic Power Systems MP4027 Datasheet HTML 11Page - Monolithic Power Systems MP4027 Datasheet HTML 12Page - Monolithic Power Systems MP4027 Datasheet HTML 13Page - Monolithic Power Systems MP4027 Datasheet HTML 14Page - Monolithic Power Systems MP4027 Datasheet HTML 15Page - Monolithic Power Systems MP4027 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP4027 – PRIMARY-SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4027 Rev. 1.02
www.MonolithicPower.com
12
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The output OVP setting point is calculated as:

AUX
ZCD2
OUT _ OVP
SEC
ZCD1
ZCD2
NR
V5.1V
NR
R
 VOUT_OVP—The
output
over-voltage
protection point;
 NAUX— The auxiliary winding turns;
 NSEC— The secondary winding turns
R1
RZCD2
RZCD1
Gate
CS/ZCD
5.1V
+
-
Latch
OVP
Blanking time
Gate_OFF
Figure 7: OVP Sampling Unit
To prevent a voltage spike from an OVP mis-
trigger, OVP sampling has a tLEB_OVP blanking
period, typically 1.6µs when VMULT_O > 0.3V and
0.8µs when VMULT_O ≤ 0.3V (see Figure 8).
VCS/ZCD
0V
Sampling Here
t
LEB_OV P
Figure 8: ZCD Voltage and OVP Sampler
A current-limit resistor between the output of
the auxiliary winding and the ZCD resistor
divider also works as a suppresser to avoid an
OVP mis-trigger.
Output Short-Circuit Protection (SCP)
If an output short occurs, ZCD cannot detect
the transformer’s zero-current-crossing signal,
so the 190μs auto-restart timer triggers the
MOSFET’s turn-on signal. The switching
frequency of the power circuit drops to about
5kHz and the output current is limited to its
nominal current. The auxiliary-winding voltage
drops to follow the secondary-winding voltage,
VCC drops to less than the UVLO threshold,
and then the system restarts. This sequence
limits both the output power and IC temperature
if an output short occurs.
Primary-Side Over-Current Protection (OCP)
The
primary-side
over-current
protection
prevents device damage from excessive current,
such as a primary winding short circuit. If the
CS/ZCD voltage rises to 2.46V during the gate
turn-on interval (see Figure 9), the primary-side
over-current protection signal is latched, turning
the gate driver off. When VCC drops below
UVLO, the IC restarts.
Figure 9: Primary-Side OCP Sampling Unit
Brown-Out Protection
The MP4027 has brown-out protection; the
internal peak detector detects the peak value of
the rectified sinusoid waveform on MULT. If the
peak value is less than the brown-out protection
threshold, 0.298V for typically 42ms, MP4027
identifies this as a brown-out, dropping COMP
to zero and disabling the power circuit. If the
peak value exceeds 0.398V, the IC restarts and
the COMP voltage rises again softly. This
feature prevents the transformer and LED
current from saturating during fast ON/OFF
switching (see Figure 10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com