Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4027 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4027
Description  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4027 Datasheet HTML 9Page - Monolithic Power Systems MP4027 Datasheet HTML 10Page - Monolithic Power Systems MP4027 Datasheet HTML 11Page - Monolithic Power Systems MP4027 Datasheet HTML 12Page - Monolithic Power Systems MP4027 Datasheet HTML 13Page - Monolithic Power Systems MP4027 Datasheet HTML 14Page - Monolithic Power Systems MP4027 Datasheet HTML 15Page - Monolithic Power Systems MP4027 Datasheet HTML 16Page - Monolithic Power Systems MP4027 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP4027 – PRIMARY-SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4027 Rev. 1.02
www.MonolithicPower.com
13
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Vpeak_Mult
Vbus
Vcomp
Vgate
VCC
Brown out
happen
Brown out
detected
Brown
out
recover
Figure 10: Brown-Out Protection Waveforms
NTC Thermal Protection
The NTC provides LED thermal protection. A
NTC resistor to monitor the LED temperature
can be connected to this pin directly. The
internal
pull-up
resistor
generates
a
corresponding voltage on the external NTC
resistor, and the LED current changes as NTC
voltage changes. Figure 11 shows the NTC
curve.
Io
Iset/3
0
VNTC
Iset
Figure 11: NTC Curve
If the NTC voltage drops below VSD_NTC, the
LED current drops to minimum output, the
minimum output current is determined by gate
minimum on time. (equal to 400ns LEB time)
PWM Dimming
The MP4027 can accept direct PWM dimming
signal. Applying a PWM signal (>200Hz) on
NTC pin can achieve dimming performance.
Following the NTC curve of Figure 11, if the
high level of the PWM signal is higher than
VH_NTC, the internal reference voltage VREF is full
scale. And if the low level of the PWM signal is
lower than VSD_NTC, the internal reference
voltage VREF is at the minimal value. Then the
internal reference voltage of EA can be
modulated as the external PWM dimming signal
to capture the duty cycle information.
COMP
EA
CS
VREF
CCOMP
Current
Caculation
To Multiplier
PWM Signal
NTC
Figure 12: PWM Dimming
With large COMP cap, the loop response is
slow. As long as the PWM frequency is higher
than 200Hz, the duty cycle information can be
filtered and averaged by COMP. Then, by the
close loop control, the output LED current
linearly changes with dimming duty from
maximum to minimum.
IC Thermal Shut Down
To prevent thermal damage to the system and
IC, if internal temperatures exceed 150°C, the
MP4027 stops switching and the IC is latched
off until VCC drops below UVLO and restarts.
Design Example
For the design example, please refer to MPS
application note AN076 for the detailed design
procedure and information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com