Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZ2V0B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # GDZ2V0B
Description  SURFACE MOUNT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GDZ2V0B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  GDZ2V0B Datasheet HTML 1Page - SUNMATE electronic Co., LTD GDZ2V0B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDZ2V0B - GDZ36B
VOLTAGE RANGE: 2.0 - 36V
POWER: 0.2Wa t t s
650
5.0
mA
Test current I
Maximum Ratings and Thermal Characteristics (Ta 25 °C unless otherwise noted)
Symbol
Value
Unit
IZM
Ptot
200
(1)
Mw
Thermal Resistance
Junction to Ambient Air
Junction Temperature
TJ
150
°C
Storage Temperature Range
TS
-65 to + 150
°C
Notes:
(1) Device on fiberglass substrate
(2) Valid provided that electrodes are ambient temperature
Parameter
Power Dissipation at Tamp = 25 °C
°C/W
RөJA
(2)
and low leakage current
mated mounting
Features
Mechanical Data
Case: SOD-323, Plastic
Classification 94V-0
Moisture sensitivity: Level 1 per J-STD-020A
Terminals: Solderable per MIL-STD-202,
Method 208
Case Material - UL Flammability Rating
Weight: 0.004 grams (approx.)
!
!
!
!
!
SURFACE MOUNT ZENER DIODES
Complete voltage range 2.0 to 36 volts
Silicon planar power Zener diodes
Low Zener impedence
Popular in Asian designs
Compact surface mount device
Ideal for auto
!
!
!
!
!
!
1 of 2
www.sunmate.tw
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
—
All Dimensions in mm
G
A
C
E
H
D
B


Similar Part No. - GDZ2V0B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GDZ2V0B VISHAY-GDZ2V0B Datasheet
83Kb / 4P
Small Signal Zener Diodes
03-Nov-16
GDZ2V0B-G VISHAY-GDZ2V0B-G Datasheet
82Kb / 4P
Small Signal Zener Diodes
14-Oct-16
GDZ2V0B-V VISHAY-GDZ2V0B-V Datasheet
78Kb / 5P
Small Signal Zener Diodes
17-May-06
GDZ2V0B-V VISHAY-GDZ2V0B-V Datasheet
75Kb / 4P
Small Signal Zener Diodes
16-Sep-11
GDZ2V0B-V-G VISHAY-GDZ2V0B-V-G Datasheet
77Kb / 4P
Small Signal Zener Diodes
16-Sep-11
More results

Similar Description - GDZ2V0B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com