Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZ2V0B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # GDZ2V0B
Description  SURFACE MOUNT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GDZ2V0B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  GDZ2V0B Datasheet HTML 1Page - SUNMATE electronic Co., LTD GDZ2V0B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Notes
• The Zener voltage VZ is measured 40 ms after power is supplied
• The operating resistance (ZZ, ZZK) are measured by superimposing a 1 kHz alternating current on the regulated current (IZ).
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE RANGE
TEST CURRENT
REVERSE
CURRENT
DYNAMIC RESISTANCE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
www.sunmate.tw
GDZ2V0B
GDZ2V2B
GDZ2V4B
GDZ2V7B
GDZ3V0B
GDZ3V3B
GDZ3V6B
GDZ3V9B
GDZ4V3B
GDZ4V7B
GDZ5V1B
GDZ5V6B
GDZ6V2B
GDZ6V8B
GDZ7V5B
GDZ8V2B
GDZ9V1B
GDZ10B
GDZ11B
GDZ12B
GDZ13B
GDZ15B
GDZ16B
GDZ18B
GDZ20B
GDZ22B
GDZ24B
GDZ27B
GDZ30B
GDZ33B
GDZ36B
2.02
2.0
2.2
5
0.5
120
0.5
100
1000
2.22
2.2
2.41
5
0.5
120
0.7
100
1000
2.43
2.4
2.63
5
0.5
120
1
100
1000
2.69
2.7
2.91
5
0.5
100
1
110
1000
3.01
3.0
3.22
5
0.5
50
1
120
1000
3.32
3.3
3.53
5
0.5
20
1
120
1000
3.89
3.9
4.16
5
1
5
1
100
1000
4.17
4.3
4.43
5
1
5
1
100
1000
4.55
4.7
4.75
5
0.5
2
1
100
800
4.98
5.1
5.2
5
0.5
2
1
80
500
5.49
5.6
5.73
5
0.5
1
2.5
60
200
6.06
6.2
6.33
5
0.5
1
3
60
100
6.65
6.8
6.93
5
0.5
0.5
3.5
40
60
3.6
3.6
3.845
5
1
10
1
100
1000
7.28
7.5
7.6
5
0.5
0.5
4
30
60
8.02
8.2
8.36
5
0.5
0.5
5
30
60
8.85
9.1
9.23
5
0.5
0.5
6
30
60
9.77
10
10.21
5
0.5
0.1
7
30
60
10.76
11
11.22
5
0.5
0.1
8
30
60
11.74
12
12.24
5
0.5
0.1
9
30
80
12.91
13
13.49
5
0.5
0.1
10
37
80
14.34
15
14.98
5
0.5
0.1
11
42
80
15.85
16
16.51
5
0.5
0.1
12
50
80
17.56
18
18.35
5
0.5
0.1
13
65
80
19.52
20
20.39
5
0.5
0.1
15
85
100
21.54
22
22.47
5
0.5
0.1
17
100
100
23.72
24
24.78
5
0.5
0.1
19
120
120
26.19
27
27.53
5
0.5
0.1
21
150
150
29.19
30
30.69
5
0.5
0.1
23
200
200
32.15
33
33.79
5
0.5
0.1
25
250
250
35.07
36
36.87
5
0.5
0.1
27
300
300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com