Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA-CPDP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LA-CPDP
Description  SMT ceramic package with silicone resin and silicone lens
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-CPDP Datasheet(HTML) 4 Page - OSRAM GmbH

  LA-CPDP Datasheet HTML 1Page - OSRAM GmbH LA-CPDP Datasheet HTML 2Page - OSRAM GmbH LA-CPDP Datasheet HTML 3Page - OSRAM GmbH LA-CPDP Datasheet HTML 4Page - OSRAM GmbH LA-CPDP Datasheet HTML 5Page - OSRAM GmbH LA-CPDP Datasheet HTML 6Page - OSRAM GmbH LA-CPDP Datasheet HTML 7Page - OSRAM GmbH LA-CPDP Datasheet HTML 8Page - OSRAM GmbH LA-CPDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2013-02-15
4
Version 1.1
LA CPDP
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
625
nm
Dominant Wavelength 3)page 22
Dominantwellenlänge 3) Seite 22
(min.)
(typ.)
(max.)
λdom
λdom
λdom
609
617
620
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
16
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
150
°
Forward voltage 4) page 22
Durchlassspannung 4)Seite 22
(min.)
(typ.)
(max.)
VF
VF
VF
2.00
2.20
2.60
V
V
V
Reverse voltage
Sperrspannung
(max.)
VR
1.2
V
Real thermal resistance junction / solder point
5) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 22
(typ.)
(max.)
Rth JS real
Rth JS real
9.6
10.8
K/W
K/W
"Electrical" thermal resistance junction / solder
point 5)page 22
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5)Seite 22
(with efficiency ηe = 42 %)
(typ.)
(max.)
Rth JS el
Rth JS el
5.6
6.3
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com