Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-CLBP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCY-CLBP
Description  SMD ceramic package with silicone resin with lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCY-CLBP Datasheet(HTML) 1 Page - OSRAM GmbH

  LCY-CLBP Datasheet HTML 1Page - OSRAM GmbH LCY-CLBP Datasheet HTML 2Page - OSRAM GmbH LCY-CLBP Datasheet HTML 3Page - OSRAM GmbH LCY-CLBP Datasheet HTML 4Page - OSRAM GmbH LCY-CLBP Datasheet HTML 5Page - OSRAM GmbH LCY-CLBP Datasheet HTML 6Page - OSRAM GmbH LCY-CLBP Datasheet HTML 7Page - OSRAM GmbH LCY-CLBP Datasheet HTML 8Page - OSRAM GmbH LCY-CLBP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2014-03-10
1
2014-03-10
OSLON Signal
Datasheet
Version 1.1
LCY CLBP
OSLON Signal 120
OSLON Signal 120
Features:
Besondere Merkmale:
• Package: SMD ceramic package with silicone
resin with lens
• Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Viewing angle at 50 % IV: 125°
• Abstrahlwinkel bei 50 % IV: 125°
• Color: Cx = 0.57, Cy = 0.42 acc. to CIE 1931
(yellow)
• Farbe: Cx = 0.57, Cy = 0.42 nach CIE 1931 (gelb)
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
• ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Signalling
• Signalleuchte
• Marker Light
• Markierungsleuchte
• Traffic lights
• Ampelanlagen
• Automotive Lighting Interior and Exterior
• Automobilbeleuchtung innen und außen
• Automotive Aftermarket
• Automotive Aftermarket
• Transportation
• Verkehrsmittel


Similar Part No. - LCY-CLBP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LCY-01019 SHARP-LCY-01019 Datasheet
813Kb / 28P
Color TFT LCD Module
logo
M-System Co.,Ltd.
LCY-110-B MSYSTEM-LCY-110-B Datasheet
114Kb / 3P
Power Transducer Series L-UNIT
LCY-110-B/Q MSYSTEM-LCY-110-B/Q Datasheet
114Kb / 3P
Power Transducer Series L-UNIT
LCY-110-C MSYSTEM-LCY-110-C Datasheet
114Kb / 3P
Power Transducer Series L-UNIT
LCY-110-C/Q MSYSTEM-LCY-110-C/Q Datasheet
114Kb / 3P
Power Transducer Series L-UNIT
More results

Similar Description - LCY-CLBP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LJCKBP-JZKZ-25-1 OSRAM-LJCKBP-JZKZ-25-1 Datasheet
977Kb / 22P
SMD ceramic package with silicone resin with lens
LMWCNAP-6J7K-37-DF-LH OSRAM-LMWCNAP-6J7K-37-DF-LH Datasheet
419Kb / 22P
SMD ceramic package with silicone resin with lens
LUWCVBP.CE OSRAM-LUWCVBP.CE Datasheet
758Kb / 22P
SMD ceramic package with silicone resin with lens
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
SMD ceramic package with silicone resin with lens
LD-CN5M OSRAM-LD-CN5M Datasheet
973Kb / 21P
SMD ceramic package with silicone resin with lens
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
SMD ceramic package with silicone resin with lens
LY-CKBP OSRAM-LY-CKBP Datasheet
618Kb / 22P
SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
SMD ceramic package with silicone resin with lens
LUW-CN5M OSRAM-LUW-CN5M Datasheet
919Kb / 21P
SMD ceramic package with silicone resin with lens
LUW-CVBP.CE OSRAM-LUW-CVBP.CE Datasheet
758Kb / 22P
SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com