Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCY-CLBP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCY-CLBP
Description  SMD ceramic package with silicone resin with lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCY-CLBP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCY-CLBP Datasheet HTML 6Page - OSRAM GmbH LCY-CLBP Datasheet HTML 7Page - OSRAM GmbH LCY-CLBP Datasheet HTML 8Page - OSRAM GmbH LCY-CLBP Datasheet HTML 9Page - OSRAM GmbH LCY-CLBP Datasheet HTML 10Page - OSRAM GmbH LCY-CLBP Datasheet HTML 11Page - OSRAM GmbH LCY-CLBP Datasheet HTML 12Page - OSRAM GmbH LCY-CLBP Datasheet HTML 13Page - OSRAM GmbH LCY-CLBP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2014-03-10
10
Version 1.1
LCY CLBP
Relative Forward Voltage 6) page21
Relative Vorwärtsspannung 6) Seite 21
Relative Luminous Flux 6) page 21
Relativer Lichtstrom 6) Seite21
Chromaticity Coordinate Shift 6) page 21
Farbortverschiebung 6) Seite 21
LCY CLBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,20
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
ΔVF [V]
: yellow
LCY CLBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φv(25°C)
: yellow
LCY CLBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,42
0,44
0,46
0,48
0,50
0,52
0,54
0,56
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com