Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC980A Datasheet(PDF) 12 Page - Linear Technology

Part # DC980A
Description  Monitors and Margins Two Power Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC980A Datasheet(HTML) 12 Page - Linear Technology

Back Button DC980A Datasheet HTML 8Page - Linear Technology DC980A Datasheet HTML 9Page - Linear Technology DC980A Datasheet HTML 10Page - Linear Technology DC980A Datasheet HTML 11Page - Linear Technology DC980A Datasheet HTML 12Page - Linear Technology DC980A Datasheet HTML 13Page - Linear Technology DC980A Datasheet HTML 14Page - Linear Technology DC980A Datasheet HTML 15Page - Linear Technology DC980A Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
dc980abf
DEMO MANUAL
DC980A/DC980B
parts list—Dc980B
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Additional Demo Board Circuit Components
30
0
C6, C17 (OPT)
CAP CER 180PF NPO 5% 0603 (OPT)
DO NOT INSTALL
31
0
C22 (OPT)
CAP CER 10nF 25V 10% X7R 0603 (OPT)
DO NOT INSTALL
32
0
D4, D2 (OPT)
DIODE, POWERMITE (OPT)
DO NOT INSTALL
33
0
D5 (OPT)
DIODE, SOT-323 (OPT)
DO NOT INSTALL
34
0
Q3, Q4 (OPT)
MOSFET Nch DUAL PWR SW 30V SO8 (OPT)
DO NOT INSTALL
35
0
Q5, Q6 (OPT)
MOSFET Nch DUAL PWR SW 30V SO8 (OPT)
DO NOT INSTALL
36
0
R8, R9, R23, R25 (OPT)
RES USER SELECTABLE 0603 (OPT)
DO NOT INSTALL
37
4
R15, R17, R30, R31
RES 0Ω 0.1W 0603 SMD
VISHAY CRCW0603000ZRT6
38
4
R32 TO R35
RES 10Ω 1/16W 5% 0603
PANASONIC ERJ-3EKF10R0V
Hardware: For Demo Board Only
39
7
E1, E2, E5, E7,
E12 TO E14
TERM SOLDER TURRET 0.156"H 0.084"L
MILL MAX 2308-2-00-80-00-00-07-0
40
6
E4, E6, E8 TO E11
TERM SOLDER TURRET 0.219" 0.078"L
MILL MAX 2501-2-00-80-00-00-07-0
41
7
JP1 TO JP7
2MM PIN HEADER 1X3
WÜRTH 620 003 111 21
42
1
JP8
CONN RECEPT, 2x10 RIGHT ANGLE
MILL-MAX 803-93-020-20-001
43
4
MH1 TO MH4
STANDOFF, NYLON SNAP-ON
KEYSTONE 8831
44
7
SH1 TO SH7
SHUNT FOR 2MM PIN HEADER
WÜRTH 608 002 134 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com