Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC980A Datasheet(PDF) 2 Page - Linear Technology

Part # DC980A
Description  Monitors and Margins Two Power Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC980A Datasheet(HTML) 2 Page - Linear Technology

  DC980A Datasheet HTML 1Page - Linear Technology DC980A Datasheet HTML 2Page - Linear Technology DC980A Datasheet HTML 3Page - Linear Technology DC980A Datasheet HTML 4Page - Linear Technology DC980A Datasheet HTML 5Page - Linear Technology DC980A Datasheet HTML 6Page - Linear Technology DC980A Datasheet HTML 7Page - Linear Technology DC980A Datasheet HTML 8Page - Linear Technology DC980A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
dc980abf
DEMO MANUAL
DC980A/DC980B
Glossary of terms
The following list contain terms used throughout the
document.
Channel: The collection of functions that monitor, super-
vise, and trim a given power supply rail.
Margin: Term used typically in board level testing that
increases/decreases the output voltage to look for sensi-
tivity/marginality problems.
Monitor: The act of measuring voltage, current, and tem-
perature readings.
Rail: The final output voltage that the power supply con-
troller manages.
Supervise: The act of quickly responding (warning or
faulting) to a voltage or current condition that is compared
to preprogrammed values.
Trim: The act of adjusting the final output voltage. A servo
loop is typically used to trim the voltage.
performance summary Specifications are at T
A = 25°C
Table 1. LTC2970 Performance Summary
PARAMETER
CONDITIONS
VALUE
12VIN Supply Input Voltage Range
8V to 15V
VDD Supply Input Voltage Range
4.5V to 5.75V
ADC Full-Scale Accuracy
±0.4%
ADC Total Unadjusted Error
VIN = 3V
±0.5%
ADC Input Range
0V to 6V
ADC Resolution
Resolution = 8.192V/16384
500µV/LSB
ADC Conversion Rate
30Hz
Margining DAC Resolution
8-Bits
Temperature Sensor Resolution
0.25°C/LSB
I2C Serial Clock Frequency
10kHz to 400kHz
Table 2. Demo Board System Specifications
NOMINAL
UNTRIMMED
VOUT
TOP FEEDBACK
RESISTOR
BOTTOM
FEEDBACK
RESISTOR
DAC RESISTOR
IDAC
RESISTOR
MARGIN
RANGE
VOUT1
5V ±1.5%
105k
20k
147k
6.34k
±10%
VOUT2
3.3V ±1.5%
95.3k
30.1k
196k
6.34k
±10%
Notes:
1. Load current < 5A is recommended.
2. Output voltages can be margined by ±10% from nominal with the default resistor values. These values may be changed
to create output voltages other than 5V and 3.3V. Use the Resistor Selection Tool which is accessed from LTpowerPlay.
The LTC3828’s feedback node voltage is 0.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com