Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1072829 Datasheet(PDF) 2 Page - SICK AG

Part # 1072829
Description  INDUCTIVE PROXIMITY SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1072829 Datasheet(HTML) 2 Page - SICK AG

  1072829 Datasheet HTML 1Page - SICK AG 1072829 Datasheet HTML 2Page - SICK AG 1072829 Datasheet HTML 3Page - SICK AG 1072829 Datasheet HTML 4Page - SICK AG 1072829 Datasheet HTML 5Page - SICK AG 1072829 Datasheet HTML 6Page - SICK AG 1072829 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMB18-08BNSVU2K | IMB
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IMB18-08BNSVU2K
1072829
Other models and accessories
www.sick.com/IMB
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Short-body
Thread size
M18
1
Diameter
Ø 18 mm
Sensing range Sn
8 mm
Safe sensing range Sa
6.48 mm
Installation type
Flush
Switching frequency
1,000 Hz
Connection type
Cable, 3-wire, 2 m
Switching output
NPN
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP68 1)
IP69K 2)
Special features
Resistant against coolant lubricants, Optical adjustment indicator
1) According to EN 60529.
2) According to ISO 20653:2013-03.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 %
Voltage drop
≤ 2 V 1)
Current consumption
≤ 10 mA 2)
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
5) Valid if toothed side of nut is used.
6) Reference voltage DC 50 V.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-03-05 11:41:14
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com