Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1072829 Datasheet(PDF) 3 Page - SICK AG

Part # 1072829
Description  INDUCTIVE PROXIMITY SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1072829 Datasheet(HTML) 3 Page - SICK AG

  1072829 Datasheet HTML 1Page - SICK AG 1072829 Datasheet HTML 2Page - SICK AG 1072829 Datasheet HTML 3Page - SICK AG 1072829 Datasheet HTML 4Page - SICK AG 1072829 Datasheet HTML 5Page - SICK AG 1072829 Datasheet HTML 6Page - SICK AG 1072829 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IMB18-08BNSVU2K | IMB
INDUCTIVE PROXIMITY SENSORS
Hysteresis
3 % ... 20 %
Reproducibility
≤ 2 % 3) 4)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 200 mA
Cable material
PUR
Short-circuit protection
✔
Reverse polarity protection
✔
Power-up pulse protection
✔
Shock and vibration resistance
100 g / 2 ms / 500 cycles; 150 g / 1 Mio cycles; 10 Hz ... 55 Hz / 1 mm; 55 Hz ... 500 Hz /
60 g
Ambient operating temperature
–40 °C ... +100 °C
Housing material
Stainless steel, V2A (1.4305)
Sensing face material
Plastic, LCP
Housing length
40 mm
Thread length
35 mm
Tightening torque, max.
Typ. 90 Nm 5)
Protection class
II 6)
UL File No.
E181493
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
5) Valid if toothed side of nut is used.
6) Reference voltage DC 50 V.
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.55
Aluminum (Al)
Approx. 0.24
Copper (Cu)
Approx. 0.19
Brass (Br)
Approx. 0.24
Installation note
Remark
Associated graphic see "Installation"
A
9 mm
B
18 mm
C
18 mm
D
24 mm
E
2 mm
F
64 mm
Classifications
ECl@ss 5.0
27270101
ECl@ss 5.1.4
27270101
2018-03-05 11:41:14 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com