Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3752 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3752
Description  Active Clamp Forward Converter with Synchronous Rectification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 2 Page - Linear Technology

  LT3752 Datasheet HTML 1Page - Linear Technology LT3752 Datasheet HTML 2Page - Linear Technology LT3752 Datasheet HTML 3Page - Linear Technology LT3752 Datasheet HTML 4Page - Linear Technology LT3752 Datasheet HTML 5Page - Linear Technology LT3752 Datasheet HTML 6Page - Linear Technology LT3752 Datasheet HTML 7Page - Linear Technology LT3752 Datasheet HTML 8Page - Linear Technology LT3752 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc1994afa
DEMO MANUAL DC1994A
Quick start proceDure
Demonstrationcircuit1994iseasytosetuptoevaluatethe
performanceoftheLT3752/LT8311chipset.RefertoFigure1
for proper measurement equipment setup and follow the
procedure below:
NOTE.Whenmeasuringtheoutputvoltageripple,caremust
be taken to avoid a long ground lead on the oscilloscope
probe. Measure the output voltage ripple by touching the
probe tip and ground ring directly across the last output
capacitor as shown in Figure 1.
1. Set an input power supply that is capable of 18V to 72V
to 18V. Then turn off the supply.
2. Directanairflowof200LFMacrosstheunitforsustained
operation at full load.
3. Withpoweroff,connectthesupplytotheinputterminals
+VIN and –VIN.
a. Inputvoltageslowerthan18Vcankeeptheconverter
from turning on due to the undervoltage lockout
feature of the LT3752/LT8311.
b. If efficiency measurements are desired, an ammeter
capableofmeasuring10ADCcanbeputinserieswith
the input supply in order to measure the DC1994A’s
input current.
c. A voltmeter with a capability of measuring at least
72Vcanbeplacedacrosstheinputterminalsinorder
to get an accurate input voltage measurement.
4. Turn on the power at the input.
NOTE. Make sure that the input voltage does not exceed
100V.
5. Check for the proper output voltage of 12V. Turn off
the power at the input.
6. Once the proper output voltages are established, con-
nect a variable load capable of sinking 12A at 12V to
the output terminals +VOUT and –VOUT. Set the current
for 0A.
a. If efficiency measurements are desired, an ammeter
or a resistor shunt that is capable of handling 12ADC
can be put in series with the output load in order to
measure the DC1994A’s output current.
b. A voltmeter with a capability of measuring at least
12V can be placed across the output terminals in
ordertogetanaccurateoutputvoltagemeasurement.
7. Turn on the power at the input.
NOTE. If there is no output, temporarily disconnect the
load to make sure that the load is not set too high.
8. Once the proper output voltage is again established,
adjust the load within the operating range and observe
the output voltage regulation, ripple voltage, efficiency
and other desired parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com