Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3752 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3752
Description  Active Clamp Forward Converter with Synchronous Rectification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 1 Page - Linear Technology

  LT3752 Datasheet HTML 1Page - Linear Technology LT3752 Datasheet HTML 2Page - Linear Technology LT3752 Datasheet HTML 3Page - Linear Technology LT3752 Datasheet HTML 4Page - Linear Technology LT3752 Datasheet HTML 5Page - Linear Technology LT3752 Datasheet HTML 6Page - Linear Technology LT3752 Datasheet HTML 7Page - Linear Technology LT3752 Datasheet HTML 8Page - Linear Technology LT3752 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc1994afa
DEMO MANUAL DC1994A
Description
LT3752/LT8311
Active Clamp Forward Converter
with Synchronous Rectification
Demonstration circuit 1994A is an active clamp forward
converter with synchronous rectification featuring the
LT®3752/LT8311 chipset.
This circuit was designed to demonstrate the high levels of
performance, efficiency, and small solution size attainable
using these parts. It operates at 240kHz and produces a
regulated 12V, 12A output from an input voltage range
of 18 to 72V: suitable for telecom, industrial, and other
applications.Ithasaneighth-brickfootprintarea.Synchro-
nousrectificationhelpstoattainefficiencyexceeding94%.
The DC1994 circuit features soft-start which prevents
output voltage overshoot on startup or when recovering
from overload condition.
TheDC1994alsohaspreciseovercurrentprotectioncircuit
that allows for continuous operation under short circuit
conditions.Thelowpowerdissipationunderashortcircuit
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
performance summary
condition ensures high reliability even during a prolonged
output voltage short circuit.
TheLT3752includesaninternalconstantfrequencyflyback
controller for creating a housekeeping voltage supply. The
housekeeping supply is able to efficiently provide bias
for both primary and secondary ICs, and eliminates the
need to generate bias supplies from auxiliary windings in
the main forward transformer. The housekeeping supply
also allows bias to any secondary side IC before the main
forward converter starts switching.
Please refer to LT3752 data sheet for design details and
applications information.
Design files for this circuit board are available at
http://www.linear.com/demo/DC1994A
Specifications are at TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
18
72
V
VOUT
Output Voltage
11.76
12.0
12.24
V
IOUT
Maximum Output Current, Continuous
200LFM
12
A
FSW
Switching (Clock) Frequency
240
kHz
VOUT P-P
Output Ripple
VIN = 48V, IOUT = 12A (20MHz BW)
100
mVP–P
IREG
Output Regulation
Line and Load (18VIN to 72VIN, 0AOUT to 12AOUT)
±0.08
%
POUT/PIN
Efficiency (see Figure 2)
VIN = 48V, IOUT = 12A
94
%


Similar Part No. - LT3752

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
logo
Analog Devices
LT3752 AD-LT3752 Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
logo
Linear Technology
LT3752-1 LINER-LT3752-1 Datasheet
732Kb / 48P
Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
logo
Analog Devices
LT3752-1 AD-LT3752-1 Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
logo
Linear Technology
LT3752-1 LINER-LT3752-1_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
More results

Similar Description - LT3752

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV_15 Datasheet
733Kb / 15P
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 3
logo
Linear Technology
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
Active Clamp Synchronous Forward Controller
LT3752 LINER-LT3752_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
LT3752-1 LINER-LT3752-1_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
Active Clamp Forward Converter with Synchronous Rectification
LTC3765 LINER-LTC3765 Datasheet
526Kb / 12P
360W Isolated Forward Converter with Synchronous Rectification
logo
Analog Devices
ADP1074 AD-ADP1074 Datasheet
400Kb / 32P
Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
6/2020-Rev. C to Rev. D
LT3752 AD-LT3752 Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
logo
Maxim Integrated Produc...
MAX17598EVKIT MAXIM-MAX17598EVKIT Datasheet
685Kb / 10P
Active-Clamp Forward Converter Topology
Rev 1; 4/14
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV Datasheet
733Kb / 15P
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com