Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100LGN Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP100LGN
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100LGN Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP100LGN Datasheet HTML 10Page - Monolithic Power Systems MP100LGN Datasheet HTML 11Page - Monolithic Power Systems MP100LGN Datasheet HTML 12Page - Monolithic Power Systems MP100LGN Datasheet HTML 13Page - Monolithic Power Systems MP100LGN Datasheet HTML 14Page - Monolithic Power Systems MP100LGN Datasheet HTML 15Page - Monolithic Power Systems MP100LGN Datasheet HTML 16Page - Monolithic Power Systems MP100LGN Datasheet HTML 17Page - Monolithic Power Systems MP100LGN Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP100L EASYPOWER
TM – OFFLINE INDUCTOR-LESS REGULATOR
FLOW CHART
Start
VIN>34V
VIN<31.5V
VIN>86V
Slowly Turn Off
Internal Switch
Slowly Turn On
Internal Switch
Fast Turn Off
Internal Switch
VD>15.4V
Turn On LDO
Monitor Output
Current
Monitor VFB
IOUTLMT=220mA
VFB>1.12V
PG=Logic High
Monitor VD
VD<7V
Turn Off LDO
VD<14.4V
Turn On Active
Bleeder
VD>15.7V
Turn Off Active
Bleeder
Thermal Monitor
TSD=Logic Hihg
Y
Y
Y
N
N
N
Y
Y
N
N
Y
Y
N
N
Y
N
Y
N
OCP,SCP&OTP is auto restart
MP100L Rev. 1.0
www.MonolithicPower.com
16
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com