Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP100LGN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP100LGN
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100LGN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP100LGN Datasheet HTML 1Page - Monolithic Power Systems MP100LGN Datasheet HTML 2Page - Monolithic Power Systems MP100LGN Datasheet HTML 3Page - Monolithic Power Systems MP100LGN Datasheet HTML 4Page - Monolithic Power Systems MP100LGN Datasheet HTML 5Page - Monolithic Power Systems MP100LGN Datasheet HTML 6Page - Monolithic Power Systems MP100LGN Datasheet HTML 7Page - Monolithic Power Systems MP100LGN Datasheet HTML 8Page - Monolithic Power Systems MP100LGN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP100L EasyPowerTM
Offline Inductor-Less Regulator
For Low Power Application
DESCRIPTION
The MP100L is a compact, inductor-less, good-
efficiency, off-line regulator. It steps down the
AC line voltage to an adjustable DC output. It is
a simple solution to provide a bias voltage to
ICs in off-line applications. Its integrated smart-
control system uses AC line power only when
necessary, thus minimizing device losses to
achieve good efficiency. This device can help
system designs meet new standby power
specifications.
The MP100L provides various protections, such
as Thermal Shutdown (TSD), VD Over Voltage
Protection (OVP), VD Shrot to GND Protection,
Over Load Protection (OLP), Short Circuit
Protection (SCP).
The MP100L is available in SOIC8E package.
FEATURES
• Universal AC Input (85VAC-to-305VAC)
• Inductor-Less
• Less than 100mW Standby Power
• Good EMI
• Low BOM Cost
• Smart Control to Maximum Efficiency
• Adjustable Output Voltage from 1.5V to 15V
• Good Line and Load Regulation
• Thermal Shutdown Protection
• Short-Circuit Protection
• Provide Power-Good Signal
APPLICATIONS
• Wall Switches and Dimmers
• AC/DC Power Supply for Wireless System,
like ZigBee,Z-Wave
• Standby Power for General Off-Line
Applications
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
GND
GND
RV
MP100L
VD
5
NC
7
FB
3
VB
6
PG
1
VIN
8
GND
2
VOUT
4
U1
BD1
C1
CFB
R1
RUP
RLW
C2
RF
L
N
VOUT
GND
CX1
MP100L Rev. 1.0
www.MonolithicPower.com
1
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.


Similar Part No. - MP100LGN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP100 CTS-MP100 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP100 MPS-MP100 Datasheet
443Kb / 16P
Offline Inductor-less Regulator For Low Power Applications
logo
Won-Top Electronics
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1000 COMCHIP-MP1000 Datasheet
35Kb / 2P
Silicon Bridge Rectifiers
logo
Won-Top Electronics
MP1000 WTE-MP1000 Datasheet
46Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - MP100LGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1103 LINER-LT1103 Datasheet
452Kb / 32P
Offline Switching Regulator
logo
Sanyo Semicon Device
STK7309 SANYO-STK7309 Datasheet
155Kb / 1P
OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
logo
Linear Technology
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
Offline Switching Regulator
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
Offline Switching Regulator
logo
ON Semiconductor
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
logo
Monolithic Power System...
MP103 MPS-MP103 Datasheet
711Kb / 20P
Higher Power Offline Inductor-Less Regulator For Low Power Applications
MP100 MPS-MP100 Datasheet
443Kb / 16P
Offline Inductor-less Regulator For Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com