Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7721 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7721
Description  2 x 10W Class D Stereo Single Ended Audio Amplifer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7721 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7721 Datasheet HTML 1Page - Monolithic Power Systems MP7721 Datasheet HTML 2Page - Monolithic Power Systems MP7721 Datasheet HTML 3Page - Monolithic Power Systems MP7721 Datasheet HTML 4Page - Monolithic Power Systems MP7721 Datasheet HTML 5Page - Monolithic Power Systems MP7721 Datasheet HTML 6Page - Monolithic Power Systems MP7721 Datasheet HTML 7Page - Monolithic Power Systems MP7721 Datasheet HTML 8Page - Monolithic Power Systems MP7721 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP7721 – 2 x 10W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7721 Rev. 1.0
www.MonolithicPower.com
4
5/16/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
100
10
1
0.1
0.01
20
100
1K
10K
FREQUENCY (Hz)
MP7721-TPC03
THD+N vs Frequency
(24V, 4W)
POUT (W)
MP7721-TPC02
THD+N vs POUT
(24V)
10
1
0.1
0.01
0.1
1
10
f=10KHz
f=100Hz
f=1KHz
10
8
6
4
2
0
5
10152025
VDD (V)
MP7721-TPC09
POUT vs VDD
100
90
80
70
60
50
40
30
20
10
0
05
10
OUTPUT POWER (W)
MP7721-TPC08
Efficiency vs POUT
+4
+2
0
-2
-4
-6
-8
-10
20
10K
40K
1K
100
FREQUENCY (Hz)
MP7721-TPC07
+0
-20
-40
-60
-80
-100
20
10K
1K
100
FREQUENCY (Hz)
MP7721-TPC06
Crosstalk/Separation
vs. Frequency
(24V, 5W)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
100
1K
10K
FREQUENCY (Hz)
MP7721-TPC05
IHF-IMD
(1W, 24V, BW=80KHz)
0
-30
-60
-90
-120
-150
20
100
1K
10K
FREQUENCY (Hz)
MP7721-TPC04
FFT Noise Floor
(A-wtd, AV=12)
10%
1%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com