Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7721 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7721
Description  2 x 10W Class D Stereo Single Ended Audio Amplifer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7721 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7721 Datasheet HTML 1Page - Monolithic Power Systems MP7721 Datasheet HTML 2Page - Monolithic Power Systems MP7721 Datasheet HTML 3Page - Monolithic Power Systems MP7721 Datasheet HTML 4Page - Monolithic Power Systems MP7721 Datasheet HTML 5Page - Monolithic Power Systems MP7721 Datasheet HTML 6Page - Monolithic Power Systems MP7721 Datasheet HTML 7Page - Monolithic Power Systems MP7721 Datasheet HTML 8Page - Monolithic Power Systems MP7721 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP7721
2 x 10W Class D Stereo
Single Ended Audio Amplifer
MP7721 Rev. 1.0
www.MonolithicPower.com
1
5/16/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP7721 is a stereo 2 x 10W Class D Audio
Amplifier. It is one of MPS’ second generation
fully
integrated
audio
amplifiers
which
dramatically reduces solution size by integrating
the following:
250mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection
Mute / Standby
The MP7721 utilizes a single ended output
structure capable of delivering 2 x 10W into 8Ω
speakers. MPS Class D Audio Amplifiers exhibit
the high fidelity of a Class A/B amplifier at
efficiencies greater than 90%. The circuit is
based on the MPS’ proprietary variable
frequency topology that delivers low distortion,
fast response time and operates on a single
power supply.
FEATURES
• 2 x 10W Output at VDD = 24V into a 8Ω load
• THD+N = 0.06% at 1W, 8Ω
• 93% Efficiency at 10W
• Low Noise (190µV Typical)
• Switching Frequency Up to 1MHz
• 9.5V to 24V Operation from a Single Supply
• Integrated Startup and Shutdown Pop
Elimination Circuit
• Thermal and Short Circuit Protection
• Integrated 250mΩ Switches
• Mute/Standby Modes (Sleep)
• Thermally
Enhanced
20-Pin
TSSOP
Package with Exposed Pad
APPLICATIONS
• Surround Sound DVD Systems
• Televisions
• Flat Panel Monitors
• Multimedia Computers
• Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
MP7721
BS1
SW1
BS2
MP7721_TAC01
SW2
REF1
2
VDD
3
8
CH1
INPUT
7
6
10
4
9
CH1
OUTPUT
CH2
OUTPUT
14
18
20
13
15
12
19
17
IN1
REF2
IN2
EN2
EN1
AGND2
AGND1
PGND2
VDD2
VDD
CH2
INPUT
EN
PGND1
VDD1
10
1
0.1
0.01
0.1
1
10
OUTPUT POWER (W)
MP7721_TPC01
THD+N vs Output Power
24V, f = 1KHz


Similar Part No. - MP7721

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7721DF MPS-MP7721DF Datasheet
228Kb / 6P
10W Stereo Class D Single Ended Audio Amplifier EV Board
More results

Similar Description - MP7721

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
logo
STMicroelectronics
TS2012 STMICROELECTRONICS-TS2012 Datasheet
376Kb / 30P
Filter-free stereo 2x2.8W class D audio power amplifer
17-Dec-2007
logo
Power Analog Micoelectr...
PAM8006 PAM-PAM8006 Datasheet
712Kb / 15P
10W Stereo Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP7740 MPS-MP7740 Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
MP7741 MPS-MP7741 Datasheet
507Kb / 14P
10W Class D Mono Single Ended Audio Amplifer
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
2 x 20W Class D Stereo Single Ended Audio Amplifer
EV7721DF-00A MPS-EV7721DF-00A Datasheet
228Kb / 6P
10W Stereo Class D Single Ended Audio Amplifier EV Board
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
10W Stereo Class-D Audio Power Amplifier
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com